Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 148 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 148 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 144Page - Microchip Technology 30F4013 Datasheet HTML 145Page - Microchip Technology 30F4013 Datasheet HTML 146Page - Microchip Technology 30F4013 Datasheet HTML 147Page - Microchip Technology 30F4013 Datasheet HTML 148Page - Microchip Technology 30F4013 Datasheet HTML 149Page - Microchip Technology 30F4013 Datasheet HTML 150Page - Microchip Technology 30F4013 Datasheet HTML 151Page - Microchip Technology 30F4013 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 148
 2010 Microchip Technology Inc.
bit 5
LOCK: PLL Lock Status bit (read-only)
1
= Indicates that PLL is in lock
0
= Indicates that PLL is out of lock (or disabled)
Reset on POR or BOR. Reset when a valid clock switching sequence is initiated. Set when PLL lock
is achieved after a PLL start. Reset when lock is lost. Read zero when PLL is not selected as a system
clock
bit 4
Unimplemented: Read as ‘0’
bit 3
CF: Clock Fail Detect bit (read/clearable by application)
1
= FSCM has detected clock failure
0
= FSCM has NOT detected clock failure
Reset on POR or BOR. Reset when a valid clock switching sequence is initiated. Set when clock fail
detected
bit 2
Unimplemented: Read as ‘0’
bit 1
LPOSCEN: 32 kHz Secondary (LP) Oscillator Enable bit
1
= Secondary oscillator is enabled
0
= Secondary oscillator is disabled
Reset on POR or BOR.
bit 0
OSWEN: Oscillator Switch Enable bit
1
= Request oscillator switch to selection specified by NOSC<2:0> bits
0
= Oscillator switch is complete
Reset on POR or BOR. Reset after a successful clock switch. Reset after a redundant clock switch.
Reset after FSCM switches the oscillator to (Group 1) FRC.
REGISTER 20-1:
OSCCON: OSCILLATOR CONTROL REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com