Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 341 page
background image
Chapter 2 Pins and Connections
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
25
Figure 2-5. Basic System Connections
2.2.1
Power
VDD and VSS are the primary power supply pins for the MCU. This voltage source supplies power to all
I/O buffer circuitry, ACMP and ADC modules, and to an internal voltage regulator. The internal voltage
regulator provides regulated lower-voltage source to the CPU and other internal circuitry of the MCU.
Typically, application systems have two separate capacitors across the power pins. In this case, there
should be a bulk electrolytic capacitor, such as a 10-
μF tantalum capacitor, to provide bulk charge storage
for the overall system and a 0.1-
μF ceramic bypass capacitor located as near to the MCU power pins as
practical to suppress high-frequency noise. Each pin must have a bypass capacitor for best noise
suppression.
BKGD/MS
RESET
OPTIONAL
MANUAL
RESET
VDD
BACKGROUND HEADER
SYSTEM
POWER
PORT
B
PTB0/PIB0/RxD/ADP4
PTB1/PIB1/TxD/ADP5
PTB2/PIB2/SPSCK/ADP6
PTB3/PIB3/MOSI/ADP7
PTB4/TPM2CH1/MISO
PTB5/TPM1CH1/SS
PTB6/SDA/XTAL
PTB7/SCL/EXTAL
PORT
C
PTC0/TPM1CH0/ADP8
PTC1/TPM1CH1/ADP9
PTC2/ADP10
PTC3/ADP11
MC9S08SH8
VSS
VDD
CBY
0.1
μF
CBLK
10
μF
+
5 V
+
C2
C1
X1
RF
RS
PORT
A
PTA0/PIA0/TPM1CH0/ADP0/ACMP+
PTA1/PIA1/TPM2CH0/ADP1/ACMP-
PTA2/PIA2/SDA/ADP2
PTA3/PIA3/SCL/ADP3
0.1
μF
VDD
4.7 k
Ω–10 kΩ
NOTE 1
NOTES:
1. External crystal circuit not required if using the internal clock option.
2. RESET pin can only be used to reset into user mode, you can not enter BDM using RESET
pin. BDM can be entered by holding MS low during POR or writing a 1 to BDFR in SBDFR
with MS low after issuing BDM command.
3. RC filter on RESET pin recommended for noisy environments.
PTA4/ACMPO/BKGD/MS
PTA5/IRQ/TCLK/RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com