Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 341 page
background image
Chapter 2 Pins and Connections
MC9S08SH8 MCU Series Data Sheet, Rev. 3
28
Freescale Semiconductor
When an on-chip peripheral system is controlling a pin, data direction control bits still determine what is
read from port data registers even though the peripheral module controls the pin direction by controlling
the enable for the pin’s output buffer. For information about controlling these pins as general-purpose I/O
pins, see Chapter 6, “Parallel Input/Output Control.”
The MC9S08SH8 devices contain a ganged output drive feature that allows a safe and reliable method of
allowing pins to be tied together externally to produce a higher output current drive. See Section 6.3,
“Ganged Output” for more information for configuring the port pins for ganged output drive.
NOTE
To avoid extra current drain from floating input pins, the reset initialization
routine in the application program should either enable on-chip pull-up
devices or change the direction of unused pins to outputs so they do not float.
When using the 8-pin devices, the user must either enable on-chip pullup
devices or change the direction of non-bonded out port B and port C pins to
outputs so the pins do not float.
When using the 16-pin devices, the user must either enable on-chip pullup
devices or change the direction of non-bonded out port C pins to outputs so
the pins do not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com