Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 55Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 341 page
background image
Chapter 4 Memory
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
55
4.7.2
FLASH Options Register (FOPT and NVOPT)
During reset, the contents of the nonvolatile location NVOPT are copied from FLASH into FOPT. To
change the value in this register, erase and reprogram the NVOPT location in FLASH memory as usual
and then issue a new MCU reset.
Table 4-7. FLASH Clock Divider Settings
fBus
PRDIV8
(Binary)
DIV
(Decimal)
fFCLK
Program/Erase Timing Pulse
(5 μs Min, 6.7 μs Max)
20 MHz
1
12
192.3 kHz
5.2
μs
10 MHz
0
49
200 kHz
5
μs
8 MHz
0
39
200 kHz
5
μs
4 MHz
0
19
200 kHz
5
μs
2 MHz
0
9
200 kHz
5
μs
1 MHz
0
4
200 kHz
5
μs
200 kHz
0
0
200 kHz
5
μs
150 kHz
0
0
150 kHz
6.7
μs
76543210
R
KEYEN
FNORED
0000
SEC01
SEC00
W
Reset
This register is loaded from nonvolatile location NVOPT during reset.
= Unimplemented or Reserved
Figure 4-6. FLASH Options Register (FOPT)
Table 4-8. FOPT Register Field Descriptions
Field
Description
7
KEYEN
Backdoor Key Mechanism Enable — When this bit is 0, the backdoor key mechanism cannot be used to
disengage security. The backdoor key mechanism is accessible only from user (secured) firmware. BDM
commands cannot be used to write key comparison values that would unlock the backdoor key. For more detailed
information about the backdoor key mechanism, refer to Section 4.6, “Security.”
0 No backdoor key access allowed.
1 If user firmware writes an 8-byte value that matches the nonvolatile backdoor key (NVBACKKEY through
NVBACKKEY+7 in that order), security is temporarily disengaged until the next MCU reset.
6
FNORED
Vector Redirection Disable — When this bit is 1, then vector redirection is disabled.
0 Vector redirection enabled.
1 Vector redirection disabled.
1:0
SEC0[1:0]
Security State Code — This 2-bit field determines the security state of the MCU as shown in Table 4-9. When
the MCU is secure, the contents of RAM and FLASH memory cannot be accessed by instructions from any
unsecured source including the background debug interface. SEC01:SEC00 changes to 1:0 after successful
backdoor key entry or a successful blank check of FLASH.
For more detailed information about security, refer to Section 4.6, “Security.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com