Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 88Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 341 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
81
6.6.1.2
Port A Data Direction Register (PTADD)
6.6.1.3
Port A Pull Enable Register (PTAPE)
NOTE
Pull-down devices only apply when using pin interrupt functions, when
corresponding edge select and pin select functions are configured.
76543210
R
00
PTADD5
PTADD41
1
PTADD4 has no effect on the output-only PTA4 pin.
PTADD3
PTADD2
PTADD1
PTADD0
W
Reset:
00000000
Figure 6-4. Port A Data Direction Register (PTADD)
Table 6-3. PTADD Register Field Descriptions
Field
Description
5:0
PTADD[5:0]
Data Direction for Port A Bits — These read/write bits control the direction of port A pins and what is read for
PTAD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port A bit n and PTAD reads return the contents of PTADn.
76543210
R
00
PTAPE51
1
PTAPE5 can be used to pullup PTA5 when configured as open drain output pin, however pullup will not pull pin all the way to
VDD. An external pullup should be used if applications requires PTA5 to be driven to VDD.
PTAPE42
2
PTAPE4 has no effect on the output-only PTA4 pin.
PTAPE3
PTAPE2
PTAPE1
PTAPE0
W
Reset:
00000000
Figure 6-5. Internal Pull Enable for Port A Register (PTAPE)
Table 6-4. PTAPE Register Field Descriptions
Field
Description
5:0
PTAPE[5:0]
Internal Pull Enable for Port A Bits — Each of these control bits determines if the internal pull-up or pull-down
device is enabled for the associated PTA pin. For port A pins (except for PTA5) that are configured as outputs,
these bits have no effect and the internal pull devices are disabled.
0 Internal pull-up/pull-down device disabled for port A bit n.
1 Internal pull-up/pull-down device enabled for port A bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com