Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 341 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
80
Freescale Semiconductor
6.6.1
Port A Registers
Port A is controlled by the registers listed below.
The pins PTA4 and PTA5 are unique. PTA4 is output-only, so the control bits for the input function will
not have any effect on this pin. PTA5, when configured as an output, is open drain with low drive strength.
NOTE
This PTA5 pin does not contain a clamp diode to VDD and should not be
driven above VDD.
When the internal pullup device is enabled on PTA5 when used as an input
or open drain output the voltage measured on PTA5 will not be pulled to
VDD. The internal gates connected to this pin are pulled to VDD. If the PTA5
pin is required to drive to a VDD level an external pullup should be used.
6.6.1.1
Port A Data Register (PTAD)
76543210
R
00
PTAD5
PTAD41
1
Reads of bit PTAD4 always return the contents of PTAD4, regardless of the value stored in bit PTADD4.
PTAD3
PTAD2
PTAD1
PTAD0
W
Reset:
00000000
Figure 6-3. Port A Data Register (PTAD)
Table 6-2. PTAD Register Field Descriptions
Field
Description
5:0
PTAD[5:0]
Port A Data Register Bits — For port A pins that are inputs, reads return the logic level on the pin. For port A
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port A pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTAD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pull-ups/pull-downs disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com