Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 341 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
70
Freescale Semiconductor
5.7.5
System Options Register 2 (SOPT2)
This high page register contains bits to configure MCU specific features on the MC9S08SH8 devices.
76543210
R
COPCLKS1
1 This bit can be written only one time after reset. Additional writes are ignored.
COPW1
0
ACIC
00
T1CH1PS
T1CH0PS
W
Reset:
00000000
= Unimplemented or Reserved
Figure 5-6. System Options Register 2 (SOPT2)
Table 5-7. SOPT2 Register Field Descriptions
Field
Description
7
COPCLKS
COP Watchdog Clock Select — This write-once bit selects the clock source of the COP watchdog.
0 Internal 1-kHz clock is source to COP.
1 Bus clock is source to COP.
6
COPW
COP Window — This write-once bit selects the COP operation mode. When set, the 0x55-0xAA write sequence
to the SRS register must occur in the last 25% of the selected period. Any write to the SRS register during the
first 75% of the selected period will reset the MCU.
0 Normal COP operation
1 Window COP operation (only if COPCLKS = 1)
4
ACIC
Analog Comparator to Input Capture Enable— This bit connects the output of ACMP to TPM1 input channel 0.
0 ACMP output not connected to TPM1 input channel 0.
1 ACMP output connected to TPM1 input channel 0.
1
T1CH1PS
TPM1CH1 Pin Select— This selects the location of the TPM1CH1 pin of the TPM1 module.
0 TPM1CH1 on PTB5.
1 TPM1CH1 on PTC1.
0
T1CH0PS
TPM1CH0 Pin Select— This bit selects the location of the TPM1CH0 pin of the TPM1 module.
0 TPM1CH0 on PTA0.
1 TPM1CH0 on PTC0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com