Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 341 page
background image
Chapter 2 Pins and Connections
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
27
The voltage measured on the internally pulled up RESET pin will not be
pulled to VDD. The internal gates connected to this pin are pulled to VDD.If
the RESET pin is required to drive to a VDD level an external pullup should
be used.
NOTE
In EMC-sensitive applications, an external RC filter is recommended on the
RESET. See Figure 2-5 for an example.
2.2.4
Background / Mode Select (BKGD/MS)
During a power-on-reset (POR) or background debug force reset (see Section 5.7.3, “System Background
Debug Force Reset Register (SBDFR),” for more information), the PTA4/ACMPO/BKGD/MS pin
functions as a mode select pin. Immediately after any reset, the pin functions as the background pin and
can be used for background debug communication. When enabled as the BKGD/MS pin (BKGDPE = 1),
an internal pullup device is automatically enabled.
The background debug communication function is enabled when BKGDPE in SOPT1 is set. BKGDPE is
set following any reset of the MCU and must be cleared to use the PTA4/ACMPO/BKGD/MS pin’s
alternative pin function.
If nothing is connected to this pin, the MCU will enter normal operating mode at the rising edge of the
internal reset after a POR or force BDC reset. If a debug system is connected to the 6-pin standard
background debug header, it can hold BKGD/MS low during a POR or immediately after issuing a
background debug force reset, which will force the MCU to active background mode.
The BKGD pin is used primarily for background debug controller (BDC) communications using a custom
protocol that uses 16 clock cycles of the target MCU’s BDC clock per bit time. The target MCU’s BDC
clock could be as fast as the maximum bus clock rate, so there must never be any significant capacitance
connected to the BKGD/MS pin that could interfere with background serial communications.
Although the BKGD pin is a pseudo open-drain pin, the background debug communication protocol
provides brief, actively driven, high speedup pulses to ensure fast rise times. Small capacitances from
cables and the absolute value of the internal pullup device play almost no role in determining rise and fall
times on the BKGD pin.
2.2.5
General-Purpose I/O and Peripheral Ports
The MC9S08SH8 series of MCUs support up to 17 general-purpose I/O pins and 1 output-only pin, which
are shared with on-chip peripheral functions (timers, serial I/O, ADC, etc).
When a port pin is configured as a general-purpose output or a peripheral uses the port pin as an output,
software can select one of two drive strengths and enable or disable slew rate control. When a port pin is
configured as a general-purpose input or a peripheral uses the port pin as an input, software can enable a
pull-up device. Immediately after reset, all of these pins are configured as high-impedance general-purpose
inputs with internal pull-up devices disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com