Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 341 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
71
5.7.6
System Device Identification Register (SDIDH, SDIDL
These high page read-only registers are included so host development systems can identify the HCS08
derivative and revision number. This allows the development software to recognize where specific memory
blocks, registers, and control bits are located in a target MCU.
Figure 5-7. System Device Identification Register — High (SDIDH
76543210
R0
ID11
ID10
ID9
ID8
W
Reset:
01
1 - Bit 7 is a mask option tie off that is used internally to determine that the device is a MC9S08SH8.
—
—
—
0000
= Unimplemented or Reserved
Table 5-8. SDIDH Register Field Descriptions
Field
Description
7
Bit 7 will read as a 0 for the MC9S08SH8 devices; writes have no effect.
6:4
Reserved
Bits 6:4 are reserved. Reading these bits will result in an indeterminate value; writes have no effect.
3:0
ID[11:8]
Part Identification Numbe — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08SH8 is hard coded to the value 0x014. See also ID bits in Table 5-9.
76543210
R
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
W
Reset:
00010100
= Unimplemented or Reserved
Figure 5-8. System Device Identification Register — L w (SDIDL)
Table 5-9. SDIDL Register Field Descriptions
Field
Description
7:0
ID[7:0]
Part Identification Numbe — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08SH8 is hard coded to the value 0x014. See also ID bits in Table 5-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com