Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 88Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 89Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 341 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
82
Freescale Semiconductor
6.6.1.4
Port A Slew Rate Enable Register (PTASE)
6.6.1.5
Port A Drive Strength Selection Register (PTADS)
76543210
R
00
R
PTASE4
PTASE3
PTASE2
PTASE1
PTASE0
W
Reset:
00000000
Figure 6-6. Slew Rate Enable for Port A Register (PTASE)
Table 6-5. PTASE Register Field Descriptions
Field
Description
5
Reserved
Reserved Bits — These bits are unused on this MCU, writes have no affect and could read as 1s or 0s.
4:0
PTASE[4:0]
Output Slew Rate Enable for Port A Bits — Each of these control bits determines if the output slew rate control
is enabled for the associated PTA pin. For port A pins that are configured as inputs, these bits have no effect.
0 Output slew rate control disabled for port A bit n.
1 Output slew rate control enabled for port A bit n.
76543210
R
00
R
PTADS4
PTADS3
PTADS2
PTADS1
PTADS0
W
Reset:
00000000
Figure 6-7. Drive Strength Selection for Port A Register (PTADS)
Table 6-6. PTADS Register Field Descriptions
Field
Description
5
Reserved
Reserved Bits — These bits are unused on this MCU, writes have no affect and could read as 1s or 0s.
4:0
PTADS[4:0]
Output Drive Strength Selection for Port A Bits — Each of these control bits selects between low and high
output drive for the associated PTA pin. For port A pins that are configured as inputs, these bits have no effect.
0 Low output drive strength selected for port A bit n.
1 High output drive strength selected for port A bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com