Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 91Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 92Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 93Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 94Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 95Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 341 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
91
6.6.3.5
Port C Drive Strength Selection Register (PTCDS)
6.6.3.6
Ganged Output Drive Control Register (GNGC)
76543210
R
0000
PTCDS3
PTCDS2
PTCDS1
PTCDS0
W
Reset:
00000000
Figure 6-23. Drive Strength Selection for Port C Register (PTCDS)
Table 6-22. PTCDS Register Field Descriptions
Field
Description
3:0
PTCDS[3:0]
Output Drive Strength Selection for Port C Bits — Each of these control bits selects between low and high
output drive for the associated PTC pin. For port C pins that are configured as inputs, these bits have no effect.
0 Low output drive strength selected for port C bit n.
1 High output drive strength selected for port C bit n.
76543210
R
GNGPS7
GNGPS6
GNGPS5
GNGPS4
GNGPS3
GNGPS2
GNGPS1
GNGEN
W
Reset:
00000000
Figure 6-24. Ganged Output Drive Control Register (GNGC)
Table 6-23. GNGC Register Field Descriptions
Field
Description
7:1
GNGP[7:1]
Ganged Output Pin Select Bits— These write-once control bits selects whether the associated pin (see
Table 6-1for pins available) is enabled for ganged output. When GNGEN = 1, all enabled ganged output pins will
be controlled by the data, drive strength and slew rate settings for PTCO.
0 Associated pin is not part of the ganged output drive.
1 Assoicated pin is part of the ganged output drive. Requires GNGEN = 1.
0
GNGEN
Ganged Output Drive Enable Bit— This write-once control bit selects whether the ganged output drive feature
is enabled.
0 Ganged output drive disabled.
1 Ganged output drive enabled. PTC0 forced to output regardless of the value of PTCDD0 in PTCDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com