Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 341 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
72
Freescale Semiconductor
5.7.7
System Power Management Status and Control 1 Register
(SPMSC1)
This high page register contains status and control bits to support the low voltage detect function, and to
enable the bandgap voltage reference for use by the ADC module.
Figure 5-9. System Power Management Status and Control 1 Register (SPMSC1)
76543210
R
LVWF1
1 LVWF will be set in the case when V
Supply transitions below the trip point or after reset and VSupply is already below VLVW
0
LVWIE
LVDRE
LVDSE
LVDE
0
BGBE
W
LVWACK
Reset:
00011100
= Unimplemented or Reserved
Table 5-10. SPMSC1 Register Field Descriptions
Field
Description
7
LVWF
Low-Voltage Warning Flag — The LVWF bit indicates the low voltage warning status.
0 Low voltage warning is not present.
1 Low voltage warning is present or was present.
6
LVWACK
Low-Voltage Warning Acknowledge — The LVWF bit indicates the low voltage warning status.Writing a 1 to
LVWACK clears LVWF to a 0 if a low voltage warning is not present.
5
LVWIE
Low-Voltage Warning Interrupt Enable — This bit enables hardware interrupt requests for LVWF.
0 Hardware interrupt disabled (use polling).
1 Request a hardware interrupt when LVWF = 1.
4
LVDRE
Low-Voltage Detect Reset Enable — This write-once bit enables LVD events to generate a hardware reset
(provided LVDE = 1).
0 LVD events do not generate hardware resets.
1 Force an MCU reset when an enabled low-voltage detect event occurs.
3
LVDSE
Low-Voltage Detect Stop Enable — Provided LVDE = 1, this control bit determines whether the low-voltage
detect function operates when the MCU is in stop mode.
0 Low-voltage detect disabled during stop mode.
1 Low-voltage detect enabled during stop mode.
2
LVDE
Low-Voltage Detect Enable — This write-once bit enables low-voltage detect logic and qualifies the operation
of other bits in this register.
0 LVD logic disabled.
1 LVD logic enabled.
0
BGBE
Bandgap Buffer Enable — This bit enables an internal buffer for the bandgap voltage reference for use by the
ADC module on one of its internal channels or ACMP on its ACMP+ input.
0 Bandgap buffer disabled.
1 Bandgap buffer enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com