Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 39Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 40Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 341 page
background image
Chapter 3 Modes of Operation
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
33
Table 3-1 shows all of the control bits that affect stop mode selection and the mode selected under various
conditions. The selected mode is entered following the execution of a STOP instruction.
3.6.1
Stop3 Mode
Stop3 mode is entered by executing a STOP instruction under the conditions as shown in Table 3-1. The
states of all of the internal registers and logic, RAM contents, and I/O pin states are maintained.
Stop3 can be exited by asserting RESET if enabled, or by an interrupt from one of the following sources:
the real-time counter (RTC), LVD system, ACMP, ADC, SCI, IRQ, or any pin interrupts.
If stop3 is exited by means of the RESET pin, then the MCU is reset and operation will resume after taking
the reset vector. Exit by means of one of the internal interrupt sources results in the MCU taking the
appropriate interrupt vector.
3.6.1.1
LVD Enabled in Stop Mode
The LVD system is capable of generating either an interrupt or a reset when the supply voltage drops below
the LVD voltage. For configuring the LVD system for interrupt or reset, refer to 5.6, “Low-Voltage Detect
(LVD) System”. If the LVD is enabled in stop (LVDE and LVDSE bits in SPMSC1 both set) at the time
the CPU executes a STOP instruction, then the voltage regulator remains active during stop mode.
For the ADC to operate in stop mode, the LVD must be enabled when entering stop3.
For the ACMP to operate in stop mode with compare to internal bandgap option, the LVD must be enabled
when entering stop3.
3.6.1.2
Active BDM Enabled in Stop Mode
Entry into the active background mode from run mode is enabled if ENBDM in BDCSCR is set. This
register is described in Chapter 17, “Development Support.” If ENBDM is set when the CPU executes a
STOP instruction, the system clocks to the background debug logic remain active when the MCU enters
stop mode. Because of this, background debug communication remains possible. In addition, the voltage
regulator does not enter its low-power standby state but maintains full internal regulation.
Table 3-1. Stop Mode Selection
STOPE
ENBDM 1
1 ENBDM is located in the BDCSCR, which is only accessible through BDC commands, see Section 17.4.1.1, “BDC Status and
Control Register (BDCSCR)”.
LVDE
LVDSE
PPDC
Stop Mode
0
x
x
x
Stop modes disabled; illegal opcode reset if STOP instruction executed
1
1
x
x
Stop3 with BDM enabled 2
2 When in Stop3 mode with BDM enabled, The S
IDD will be near RIDD levels because internal clocks are enabled.
1
0
Both bits must be 1
0
Stop3 with voltage regulator active
1
0
Either bit a 0
0
Stop3
1
0
Either bit a 0
1
Stop2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com