Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 43Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 44Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 45Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 46Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 47Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 48Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 49Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 50Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 341 page
background image
Chapter 4 Memory
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
43
High-page registers, shown in Table 4-3, are accessed much less often than other I/O and control registers
so they have been located outside the direct addressable memory space, starting at 0x1800.
Table 4-3. High-Page Register Summary (Sheet 1 of 2)
Address
Register Name
Bit 7
654321
Bit 0
0x1800
SRS
POR
PIN
COP
ILOP
ILAD
0LVD
0
0x1801
SBDFR
0
0
0
0
0
0
0
BDFR
0x1802
SOPT1
COPT
STOPE
0
0
IICPS
BKGDPE
RSTPE
0x1803
SOPT2
COPCLKS
COPW
0
ACIC
0
0
T1CH1PS T1CH0PS
0x1804 –
0x1805
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1806
SDIDH
0
—
—
—
ID11
ID10
ID9
ID8
0x1807
SDIDL
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0x1808
Reserved
—
—
—
—
—
—
—
—
0x1809
SPMSC1
LVWF
LVWACK
LVWIE
LVDRE
LVDSE
LVDE
0
BGBE
0x180A
SPMSC2
0
0
LVDV
LVWV
PPDF
PPDACK
—
PPDC
0x180B–
0x180F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1810
DBGCAH
Bit 15
14
13
12
11
10
9
Bit 8
0x1811
DBGCAL
Bit 7
654321
Bit 0
0x1812
DBGCBH
Bit 15
14
13
12
11
10
9
Bit 8
0x1813
DBGCBL
Bit 7
654321
Bit 0
0x1814
DBGFH
Bit 15
14
13
12
11
10
9
Bit 8
0x1815
DBGFL
Bit 7
654321
Bit 0
0x1816
DBGC
DBGEN
ARM
TAG
BRKEN
RWA
RWAEN
RWB
RWBEN
0x1817
DBGT
TRGSEL
BEGIN
0
0
TRG3
TRG2
TRG1
TRG0
0x1818
DBGS
AF
BF
ARMF
0
CNT3
CNT2
CNT1
CNT0
0x1819–
0x181F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1820
FCDIV
DIVLD
PRDIV8
DIV
0x1821
FOPT
KEYEN
FNORED
0
0
0
0
SEC
0x1822
Reserved
—
—
—
—
—
—
—
—
0x1823
FCNFG
0
0
KEYACC
0
0
0
0
0
0x1824
FPROT
FPS
FPDIS
0x1825
FSTAT
FCBEF
FCCF
FPVIOL
FACCERR
0
FBLANK
0
0
0x1826
FCMD
FCMD
0x1827–
0x183F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1840
PTAPE
0
0
PTAPE5
PTAPE4
PTAPE3
PTAPE2
PTAPE1
PTAPE0
0x1841
PTASE
0
0
—
PTASE4
PTASE3
PTASE2
PTASE1
PTASE0
0x1842
PTADS
0
0
—
PTADS4
PTADS3
PTADS2
PTADS1
PTADS0
0x1843
Reserved
—
—
—
—
—
—
—
—
0x1844
PTASC
0
0
0
0
PTAIF
PTAACK
PTAIE
PTAMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com