Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 341 page
background image
Chapter 4 Memory
MC9S08SH8 MCU Series Data Sheet, Rev. 3
56
Freescale Semiconductor
4.7.3
FLASH Configuration Register (FCNFG
4.7.4
FLASH Protection Register (FPROT and NVPROT)
During reset, the contents of the nonvolatile location NVPROT are copied from FLASH into FPROT. This
register can be read at any time. If FPDIS = 0, protection can be increased (that is, a smaller value of FPS
can be written). If FPDIS = 1, writes do not change protection.
Figure 4-8. FLASH Protection Register (FPROT)
Table 4-9. Security States1
1 SEC01:SEC00 changes to 1:0 after successful backdoor
key entry or a successful blank check of FLASH.
SEC01:SEC00
Description
0:0
secure
0:1
secure
1:0
unsecured
1:1
secure
76543210
R0
0
KEYACC
00000
W
Reset
00000000
= Unimplemented or Reserved
Figure 4-7. FLASH Configuration Register (FCNFG
Table 4-10. FCNFG Register Field Descriptions
Field
Description
5
KEYACC
Enable Writing of Access Key — This bit enables writing of the backdoor comparison key. For more detailed
information about the backdoor key mechanism, refer to Section 4.6, “Security.”
0 Writes to 0xFFB0–0xFFB7 are interpreted as the start of a FLASH programming or erase command.
1 Writes to NVBACKKEY (0xFFB0–0xFFB7) are interpreted as comparison key writes.
76543210
R
FPS(1)
1 Background commands can be used to change the contents of these bits in FPROT.
FPDIS(1)
W
Reset
This register is loaded from nonvolatile location NVPROT during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com