Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 52Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 54Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 55Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 341 page
background image
Chapter 4 Memory
MC9S08SH8 MCU Series Data Sheet, Rev. 3
52
Freescale Semiconductor
be programmed to logic 0 to enable block protection. Therefore the value 0xF8 must be programmed into
NVPROT to protect addresses 0xFA00 through 0xFFFF.
Figure 4-4. Block Protection Mechanism
One use for block protection is to block protect an area of FLASH memory for a bootloader program. This
bootloader program then can be used to erase the rest of the FLASH memory and reprogram it. Because
the bootloader is protected, it remains intact even if MCU power is lost in the middle of an erase and
reprogram operation.
4.5.7
Vector Redirection
Whenever any block protection is enabled, the reset and interrupt vectors will be protected. Vector
redirection allows users to modify interrupt vector information without unprotecting bootloader and reset
vector space. Vector redirection is enabled by programming the FNORED bit in the NVOPT register
located at address 0xFFBF to zero. For redirection to occur, at least some portion but not all of the FLASH
memory must be block protected by programming the NVPROT register located at address 0xFFBD. All
of the interrupt vectors (memory locations 0xFFC0–0xFFFD) are redirected, though the reset vector
(0xFFFE:FFFF) is not.
For example, if 512 bytes of FLASH are protected, the protected address region is from 0xFE00 through
0xFFFF. The interrupt vectors (0xFFC0–0xFFFD) are redirected to the locations 0xFDC0–0xFDFD. Now,
if an SPI interrupt is taken for instance, the values in the locations 0xFDE0:FDE1 are used for the vector
instead of the values in the locations 0xFFE0:FFE1. This allows the user to reprogram the unprotected
portion of the FLASH with new program code including new interrupt vector values while leaving the
protected area, which includes the default vector locations, unchanged.
4.6
Security
The MC9S08SH8 includes circuitry to prevent unauthorized access to the contents of FLASH and RAM
memory. When security is engaged, FLASH and RAM are considered secure resources. Direct-page
registers, high-page registers, and the background debug controller are considered unsecured resources.
Programs executing within secure memory have normal access to any MCU memory locations and
resources. Attempts to access a secure memory location with a program executing from an unsecured
memory space or through the background debug interface are blocked (writes are ignored and reads return
all 0s).
Security is engaged or disengaged based on the state of two nonvolatile register bits (SEC01:SEC00) in
the FOPT register. During reset, the contents of the nonvolatile location NVOPT are copied from FLASH
into the working FOPT register in high-page register space. A user engages security by programming the
NVOPT location which can be done at the same time the FLASH memory is programmed. The 1:0 state
disengages security and the other three combinations engage security. Notice the erased state (1:1) makes
FPS7
FPS6
FPS5
FPS4
FPS3
FPS2
FPS1
A15
A14
A13
A12
A11
A10
A9
A8
1
A7 A6 A5 A4 A3 A2 A1 A0
111
11111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com