Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 47Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 48Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 49Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 50Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 51Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 52Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 54Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 341 page
background image
Chapter 4 Memory
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
47
4.5.1
Features
Features of the FLASH memory include:
•
FLASH size
— MC9S08SH8: 8,192 bytes (16 pages of 512 bytes each)
— MC9S08SH4: 4,096 bytes (8 pages of 512 bytes each)
•
Single power supply program and erase
•
Command interface for fast program and erase operation
•
Up to 100,000 program/erase cycles at typical voltage and temperature
•
Flexible block protection
•
Security feature for FLASH and RAM
•
Auto power-down for low-frequency read accesses
4.5.2
Program and Erase Times
Before any program or erase command can be accepted, the FLASH clock divider register (FCDIV) must
be written to set the internal clock for the FLASH module to a frequency (fFCLK) between 150 kHz and
200 kHz (see Section 4.7.1, “FLASH Clock Divider Register (FCDIV)”). This register can be written only
once, so normally this write is done during reset initialization. FCDIV cannot be written if the access error
flag, FACCERR in FSTAT, is set. The user must ensure that FACCERR is not set before writing to the
FCDIV register. One period of the resulting clock (1/fFCLK) is used by the command processor to time
program and erase pulses. An integer number of these timing pulses are used by the command processor
to complete a program or erase command.
Table 4-5 shows program and erase times. The bus clock frequency and FCDIV determine the frequency
of FCLK (fFCLK). The time for one cycle of FCLK is tFCLK = 1/fFCLK. The times are shown as a number
of cycles of FCLK and as an absolute time for the case where tFCLK =5 μs. Program and erase times
shown include overhead for the command state machine and enabling and disabling of program and erase
voltages.
Table 4-5. Program and Erase Times
Parameter
Cycles of FCLK
Time if FCLK = 200 kHz
Byte program
9
45
μs
Byte program (burst)
4
20
μs1
1
Excluding start/end overhead
Page erase
4000
20 ms
Mass erase
20,000
100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com