Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 341 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
60
Freescale Semiconductor
5.4
Computer Operating Properly (COP) Watchdog
The COP watchdog is intended to force a system reset when the application software fails to execute as
expected. To prevent a system reset from the COP timer (when it is enabled), application software must
reset the COP counter periodically. If the application program gets lost and fails to reset the COP counter
before it times out, a system reset is generated to force the system back to a known starting point.
After any reset, the COP watchdog is enabled (see Section 5.7.4, “System Options Register 1 (SOPT1),”
for additional information). If the COP watchdog is not used in an application, it can be disabled by
clearing COPT bits in SOPT1.
The COP counter is reset by writing 0x0055 and 0x00AA (in this order) to the address of SRS during the
selected timeout period. Writes do not affect the data in the read-only SRS. As soon as the write sequence
is done, the COP timeout period is restarted. If the program fails to do this during the time-out period, the
MCU will reset. Also, if any value other than 0x0055 or 0x00AA is written to SRS, the MCU is
immediately reset.
The COPCLKS bit in SOPT2 (see Section 5.7.5, “System Options Register 2 (SOPT2),” for additional
information) selects the clock source used for the COP timer. The clock source options are either the bus
clock or an internal 1-kHz clock source. With each clock source, there are three associated time-outs
controlled by the COPT bits in SOPT1. Table 5-1 summaries the control functions of the COPCLKS and
COPT bits. The COP watchdog defaults to operation from the 1-kHz clock source and the longest time-out
(210 cycles).
Table 5-1. COP Configuration Option
When the bus clock source is selected, windowed COP operation is available by setting COPW in the
SOPT2 register. In this mode, writes to the SRS register to clear the COP timer must occur in the last 25%
of the selected timeout period. A premature write immediately resets the MCU. When the 1-kHz clock
source is selected, windowed COP operation is not available.
Control Bits
Clock Source
COP Window1 Opens
(COPW = 1)
1 Windowed COP operation requires the user to clear the COP timer in the last 25% of the selected timeout period. This column
displays the minimun number of clock counts required before the COP timer can be reset hen in windowed COP mode
(COPW = 1).
COP Overfl w Count
COPCLKS
COPT[1:0]
N/A
0:0
N/A
N/A
COP is disabled
0
0:1
1 kHz
N/A
25 cycles (32 ms2)
2 Values shown in in miliseconds based on t
LPO = 1 ms. See tLPO in the appendix Section A.12.1, “Control Timing” for the
tolerance of this value.
0
1:0
1 kHz
N/A
28 cycles (256 ms1)
0
1:1
1 kHz
N/A
210 cycles (1.024 s1)
1
0:1
Bus
6144 cycles
213 cycles
1
1:0
Bus
49,152 cycles
216 cycles
1
1:1
Bus
196,608 cycles
218 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com