Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 114Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 115Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 116Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 117Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 118Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 119Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 120Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 121Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 341 page
background image
Chapter 8 Analog Comparator 5-V (S08ACMPV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
114
Freescale Semiconductor
Figure 8-1. MC9S08SH8 Block Diagram Highlighting the ACMP Module
PTB7/SCL/EXTAL
PTB6/SDA/XTAL
PTB5/TPM1CH1/SS
PTB4/TPM2CH1/MISO
PTB3/PIB3/MOSI/ADP7
PTB2/PIB2/SPSCK/ADP6
PTA1/PIA1/TPM2CH0/ADP1/ACMP–
PTB1/PIB1/TxD/ADP5
PTB0/PIB0/RxD/ADP4
PTC3/ADP11
PTC2/ADP10
PTC1/TPM1CH1/ADP9
PTC0/TPM1CH0/ADP8
PTA3/PAI3/SCL/ADP3
PTA2/PAI2/SDA/ADP2
PTA0/PIA0/TPM1CH0/ADP0/ACMP+
Pin can be enabled as part of the ganged output drive feature
PTA4/ACMPO/BKGD/MS
PTA5/IRQ/TCLK/RESET
NOTE 1: Port B not available on 8-pin packages
SEE NOTE 1
SEE NOTE 1, 2
NOTE 2: Port C not available on 8-pin or 16-pin packages
IIC MODULE (IIC)
SERIAL PERIPHERAL
INTERFACE MODULE (SPI)
USER FLASH
USER RAM
HCS08 CORE
CPU
BDC
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
COP
LVD
INTERFACE MODULE (SCI)
SERIAL COMMUNICATIONS
8-BIT MODULO TIMER
MODULE (MTIM)
VOLTAGE REGULATOR
DEBUG MODULE (DBG)
MISO
SCL
SDA
MOSI
SPSCK
RxD
TxD
LOW-POWER OSCILLATOR
40-MHz INTERNAL CLOCK
SOURCE (ICS)
31.25 kHz to 38.4 kHz
1 MHz to 16 MHz
(XOSC)
EXTAL
XTAL
VSS
VDD
VSSA
VDDA
VREFL
VREFH
ANALOG-TO-DIGITAL
CONVERTER (ADC)
10-BIT
SS
TCLK
BKGD/MS
16-BIT TIMER/PWM
MODULE (TPM2)
TCLK
REAL-TIME COUNTER (RTC)
(MC9S08SH8 = 8,192 BYTES)
(MC9S08SH4 = 4096 BYTES)
(MC9S08SH8 = 512 BYTES)
ANALOG COMPARATOR
(ACMP)
ACMPO
ACMP–
ACMP+
TPM2CH0
TPM2CH1
ADP11-ADP0
16-BIT TIMER/PWM
MODULE (TPM1)
TCLK
TPM1CH0
TPM1CH1
IRQ
IRQ
(MC9S08SH4 = 256 BYTES)
NOTE 3: VDDA/VREFH and VSSA/VREFL, are double bonded to VDD and VSS respectively.
NOTES
=
SEE NOTE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com