Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 192 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 192 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 188Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 189Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 190Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 191Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 192Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 193Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 194Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 195Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 196Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 341 page
background image
Chapter 12 Modulo Timer (S08MTIMV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
188
Freescale Semiconductor
12.3.1
MTIM Status and Control Register (MTIMSC)
MTIM
SC contains the overflow status flag and control bits which are used to configure the interrupt enable,
reset the counter, and stop the counter.
7
654
3
210
R
TOF
TOIE
0
TSTP
0
000
W
TRST
Reset:
0
0
0
1
0
0
0
0
Figure 12-4. MTIM Status and Control Register
Table 12-2. MTIM Status and Control Register Field Descriptions
Field
Description
7
TOF
MTIM Overfl w Flag — This read-only bit is set when the MTIM counter register overflows to $00 after reaching
the value in the MTIM modulo register. Clear TOF by reading the MTIMSC register while TOF is set, then writing
a 0 to TOF. TOF is also cleared when TRST is written to a 1 or when any value is written to the MTIMMOD register.
0 MTIM counter has not reached the overflow value in the MTIM modulo register.
1 MTIM counter has reached the overflow value in the MTIM modulo register.
6
TOIE
MTIM Overfl w Interrupt Enable — This read/write bit enables MTIM overflow interrupts. If TOIE is set, then an
interrupt is generated when TOF = 1. Reset clears TOIE. Do not set TOIE if TOF = 1. Clear TOF first, then set TOIE.
0 TOF interrupts are disabled. Use software polling.
1 TOF interrupts are enabled.
5
TRST
MTIM Counter Reset — When a 1 is written to this write-only bit, the MTIM counter register resets to $00 and TOF
is cleared. Reading this bit always returns 0.
0 No effect. MTIM counter remains at current state.
1 MTIM counter is reset to $00.
4
TSTP
MTIM Counter Stop — When set, this read/write bit stops the MTIM counter at its current value. Counting resumes
from the current value when TSTP is cleared. Reset sets TSTP to prevent the MTIM from counting.
0 MTIM counter is active.
1 MTIM counter is stopped.
3:0
Unused register bits, always read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com