Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 45 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 45 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r Plastic Case Group Delay Flat Type CFULA_Y Series
CFULA_Y series are high selectivity ceramic filters,
which consist of 4 ceramic elements connected in a
ladder form.
They are most suitable for digital communications
and cellular phones because of their improved GDT
characteristics.
c Features
1. High selectivity
2. A variety of bandwidths are available.
3. Excellent GDT characteristics are available within
pass bandwidth.
4. Easily mounted on a printed circuit board
5. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
0.8±0.1
0.6±0.1
1.2±0.5
8.0±0.3
MARKING
EIAJ
CODE
3.3±0.5
2.7±0.3
(1)
(2)
(3)
0.15±0.05
Connection
(1): Input
(2): Ground
(3): Output
(in mm)
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion Loss
(dB)
GDT Deviation
(µs)
Input/Output
Impedance
(ohm)
CFULA455KB4Y-B0
455
±1.5kHz
fn±15.0
min.
fn±35.0 max.
[within 40dB]
25 min.
[within fn±100kHz]
5.0 max.
[at minimum loss point]
15.0 max.
[within fn±10kHz]
1500
CFULA455KC4Y-B0
455
±1.5kHz
fn±12.5
min.
fn±30.0 max.
[within 40dB]
25 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
15.0 max.
[within fn±8kHz]
1500
CFULA455KD1Y-B0
455
±1.0kHz
fn±10.0
min.
fn±25.0 max.
[within 40dB]
23 min.
[within fn±100kHz]
7.0 max.
[at minimum loss point]
20.0 max.
[within fn±7kHz]
1500
CFULA455KE1Y-B0
455
±1.0kHz
fn±7.5
min.
fn±20.0 max.
[within 40dB]
23 min.
[within fn±100kHz]
8.0 max.
[at minimum loss point]
20.0 max.
[within fn±5kHz]
1500
CFULA455KF1Y-B0
455
±1.0kHz
fn±6.0
min.
fn±17.5 max.
[within 40dB]
23 min.
[within fn±100kHz]
9.0 max.
[at minimum loss point]
20.0 max.
[within fn±4kHz]
2000
CFULA455KG1Y-B0
455
±1.0kHz
fn±4.5
min.
fn±15.0 max.
[within 40dB]
23 min.
[within fn±100kHz]
10.0 max.
[at minimum loss point]
20.0 max.
[within fn±3kHz]
2000
Center frequency (fo) defined by the center of 6dB bandwidth.
(fn) means nominal center frequency 455kHz.
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
E1
R1
Rg
S.S.G.
0dBm
R2
E2
RF Voltmeter
Connection
(1): Input
(2): Ground
(3): Output
(1) (2)
(3)
Rg+R1=R2=Input/Output Impedance
c Test Circuit
P05E.pdf
Nov.24,2011
43
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com