Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
High-reliability Type
Part Number
Center
Frequency
(fo) (MHz)
Nominal Center
Frequency (fn)
(MHz)
3dB
Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Ripple
(dB)
Spurious
Attenuation
(1) (dB)
Spurious
Attenuation
(2) (dB)
Input/Output
Impedance
(ohm)
SFECF10M7HA00S0-R0
10.700
±30kHz
-
180 ±40kHz
470 max.
4.0±2.0dB
1.0 max.
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
SFECF10M7HF00S0-R0
-
10.700
fn±25 min.
510 max.
8.0max.
[at fn]
1.0 max.
30 min.
[within 9MHz to fn]
25 min.
[within fn to 12MHz]
330
SFECF10M7GA00S0-R0
10.700
±30kHz
-
230 ±50kHz
510 max.
3.5±2.0dB
1.0 max.
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
SFECF10M7GF00S0-R0
-
10.700
fn±45 min.
560 max.
8.0max.
[at fn]
1.0 max.
30 min.
[within 9MHz to fn]
25 min.
[within fn to 12MHz]
330
SFECF10M7FA00S0-R0
10.700
±30kHz
-
280 ±50kHz
590 max.
3.0±2.0dB
1.0 max.
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
SFECF10M7FF00S0-R0
-
10.700
fn±65 min.
630 max.
7.0max.
[at fn]
1.0 max.
30 min.
[within 9MHz to fn]
25 min.
[within fn to 12MHz]
330
SFECF10M7EA00S0-R0
10.700
±30kHz
-
330 ±50kHz
700 max.
3.0±2.0dB
1.0 max.
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
SFECF10M7DF00S0-R0
-
10.700
fn±145 min.
990 max.
6.0max.
[at fn]
3.0 max.
20 min.
[within 9MHz to fn]
20 min.
[within fn to 12MHz]
330
Area of Attenuation: [within 20dB]
Area of Insertion Loss: at minimum loss point Area of Ripple: within 3dB B.W.
Center frequency (fo) defined by center of 3dB bandwidth.
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
(1)
(2)
(3)
(6)
(5)
(4)
R2
C2
E2
RF
Voltmeter
R1
E1
S.S.G.
Rg
Rg = 50
Ω R1 = 280Ω ±5% R2 = 330Ω ±5%
C2 = 10 ± 2 pF (Including stray capacitance and Input capacitance
of RF Volt Meter)
E1: S.S.G. Output Voltage
: Input
: Ground
: No connect
: Output
(1)
(2)(5)
(3)(4)
(6)
c Test Circuit
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Frequency (MHz)
10.300
10.500
10.700
10.900
11.100
7
6
5
4
3
2
1
0
c Frequency Characteristics
SFECF10M7FA00-R0
Frequency (MHz)
8.700
9.700
10.700
11.700
12.700
0
10
20
30
40
50
60
70
SFECF10M7FA00-R0
P05E.pdf
Nov.24,2011
22
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com