Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 49 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 49 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r Plastic Case Group Delay Flat Type Miniaturized Type CFULB_Y Series
Ceramic filter CFULB_Y series are miniature and high-
performance filters. These filters, only 6.3mm
high, are 65% the volume of conventional types.
Well suited for miniaturizing communications
equipment, especially for a cellular phone.
c Features
1. Miniature, flat GDT characteristics
2. Suitable for a cellular phone
3. A variety of bandwidths are available.
4. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
1.8±0.3
2.4±0.3
6.5±0.3
0.8±0.3
0.5±0.1
0.7±0.1
0.7±0.3
(1)
(2)
(3)
(4)
0.15±0.05
Connection
(1): Input
(2): Output
(3)
: Ground
(4)
(in mm)
}
MARKING
EIAJ
CODE
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion Loss
(dB)
GDT Deviation
(µs)
Input/Output
Impedance
(ohm)
CFULB455KB4Y-B0
455
±1.5kHz
fn±15.0
min.
fn±35.0 max.
[within 40dB]
25 min.
[within fn±100kHz]
5.0 max.
[at minimum loss point]
15.0 max.
[within fn±10kHz]
1500
CFULB455KC4Y-B0
455
±1.5kHz
fn±12.5
min.
fn±30.0 max.
[within 40dB]
25 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
15.0 max.
[within fn±8kHz]
1500
CFULB455KD1Y-B0
455
±1.0kHz
fn±10.0
min.
fn±25.0 max.
[within 40dB]
23 min.
[within fn±100kHz]
7.0 max.
[at minimum loss point]
20.0 max.
[within fn±7kHz]
1500
CFULB455KE1Y-B0
455
±1.0kHz
fn±7.5
min.
fn±20.0 max.
[within 40dB]
23 min.
[within fn±100kHz]
8.0 max.
[at minimum loss point]
20.0 max.
[within fn±5kHz]
1500
CFULB455KF1Y-B0
455
±1.0kHz
fn±6.0
min.
fn±17.5 max.
[within 40dB]
23 min.
[within fn±100kHz]
9.0 max.
[at minimum loss point]
20.0 max.
[within fn±4kHz]
2000
CFULB455KG1Y-B0
455
±1.0kHz
fn±4.5
min.
fn±15.0 max.
[within 40dB]
23 min.
[within fn±100kHz]
10.0 max.
[at minimum loss point]
20.0 max.
[within fn±3kHz]
2000
Center frequency (fo) defined by the center of 6dB bandwidth.
(fn) means nominal center frequency 455kHz.
CFULB455K_Y series filters are 4-element ceramic filters and miniature versions of CFULA455K_Y series.
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
E1
R1
Rg
S.S.G.
0dBm
R2
E2
RF Voltmeter
Connection
(1)
(2)
(3)(4)
: Input
: Output
: Ground
(1)
(2)
(3)
(4)
Rg+R1=R2=Input/Output Impedance
c Test Circuit
P05E.pdf
Nov.24,2011
47
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com