Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SFPKA455KF4A-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
!Note
P05E.pdf
Nov.24,2011
• Please read rating and
!CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
2
o Part Numbering
y
e
wr
t
u
q
KA
P
455K
D4A
-R0
SF
S0
CF
E
10M7 DF00
-R0
SF
(Part Number)
qProduct ID
wOscillating/Element
Ceramic Filters (CERAFIL
r) for IF
CF
SF
U
W
P
E
S
Ceramic Filters
Three-digit alphanumerics express pass bandwidth,
center frequency tolerance and design type.
Product ID
tProduct Specification
D4A
Code
Product Specification
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is hertz (Hz). If
the unit is "kHz", it is expressed by three figures plus "K." If the
unit is "MHz", a decimal point is expressed by the capital letter
"M."
p is "A" or subsequent code, which indicates the size. It varies
depending on vibration mode and number of elements.
Chip type is only applied for SF series.
Expressed by three-digit alphanumerics.
yIndividual Specification
001
Code
Individual Specification Code
Bulk
Embossed Taping ø=180mm
Embossed Taping ø=330mm
uPackaging
-B0
-R0
-R1
Code
Packaging
Oscillating/Element
Chip Type
Lead Type
eStructure/Size
C
p/Kp
L
p
Code
Structure/Size
4 Elements Area Expansion mode
6 Elements Area Expansion mode
4 Elements Area Expansion mode
2 Elements Thickness Expansion mode
2 Elements Thickness Shear mode
Embossed taping is applied to chip type.
SFE/S/J series are expressed by four-digit alphanumerics.
SFE/S/J series are expressed by two-digit alphanumerics.
With standard type,
y is omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com