Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r kHz SMD Type CFWKA_Y Series
The CFWKA_Y series is comprised of small, high-
performance, thin (3.0mm) filters consisting of 6
ceramic elements. The filters are recommend for
digital communication applications and are perfect
in hand-held cellular phones.
c Features
1. The filters are mountable by automatic placers, and
can be reflow soldered.
2. They are slim, at only 3.0mm maximum thickness.
3. The filters are wide bandwidth, flat GDT within
pass band.
4. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
Y50
B 1
11.5
5.5
3.0
1.2±0.1
1.5±0.3
1.2±0.1
1.2±0.1
1.5±0.3
1.2±0.1
C0.3
3.0
3.0
5.5
Dot marking
Sealing
Sealing
Tolerance ±0.3mm
in mm
: Input
: Output
: Ground
(1)
(2)
(4)
(3)
EIAJ
CODE
()
(1)
(2)
(3)(4)
Part Number
Nominal Center
Frequency (fn)
(kHz)
3dB
Bandwidth
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion Loss
(dB)
Spurious
Response
(dB)
GDT Deviation
(µs)
Input/Output
Impedance
(ohm)
CFWKA450KBFY001-R0
450.0
fn±11.5
min.
fn±13.0
min.
fn±30.0 max.
[within 50dB]
45 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
20 min.
[within 0.1 to 1.0MHz]
30.0 max.
[within fn±10kHz]
1000
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
E1
Rg
S.S.G.
0dBm
R1
RF Voltmeter
Connection
(1): Input
(2): Output
(3)(4): Ground
(2)
(4)
(1)
R2
E2
(3)
Rg+R1=R2=Input/Output Impedance
c Test Circuit
P05E.pdf
Nov.24,2011
15
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com