Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 46 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 46 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
Frequency (kHz)
430
455
480
10
20
30
40
50
60
70
80
90
100
200
150
100
50
0
0
c Frequency Characteristics
CFULA455KE1Y-B0
200
300
400
500
600
700
800
900
1000
10
20
30
40
50
60
70
80
90
Frequency (kHz)
0
100
CFULA455KE1Y-B0
P05E.pdf
Nov.24,2011
44
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com