Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 58 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 58 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
Continued from the preceding page.
Part Number
Nominal Center
Frequency (fn)
(kHz)
Recovered
Audio 3dB BW
(kHz)
Recovered
Audio Output
(mV)
Distortion
(at fn)
(%)
Distortion
(%)
IC
IC Maker
Type
CDBLB455KCLY13-B0
455
fn±15.0 min.
110 ±30
1.5 max.
5.0 max.
[within fn ±8kHz]
CXA1003BM
SONY
Lead
CDBLB455KCAX16-B0
455
fn±4.0 min.
185 ±40
2.0 max.
-
MC3372
MOTOROLA Lead
CDBLB455KCAX18-B0
455
fn±3.0 min.
180 ±40
2.0 max.
-
MC3371
MOTOROLA Lead
CDBLB455KCAX36-B0
455
fn±3.5 min.
100 ±25
3.5 max.
-
NE606/NE616
PHILIPS
Lead
For safety purposes, avoid applying a direct current between the terminals.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
AF output
Vcc
0.1μ
0.01μ
C
R
X
0.022μ
FM S. S. G.
(Rg = 50
Ω)
16
9
15
14
13
12
11
10
1
8
2
3
4
5
6
7
8.2k
10k
MC3357
50
0.1μ
+
10μ
47k
CDBLB455KCAY07-B0
CDBKB455KCAY07-R0
Part Number (X)
C
R
150pF
150pF
1.5k
Ω
1.3k
Ω
Unit C
R
: F
:
Ω
c Test Circuit
MC3357
16
AF output
Vcc
0.1μ
47μ
C
R
X
100p
IF input
9
15
14
13
12
11
10
1
8
2
3
4
5
6
7
0.1μ
+
1000p
L
0.01μ
NE604
CDBKB455KCAY09-R0
Part Number (X)
C
R
CDBLB455KCLY09-B0 120pF 560
Ω
L
220μH
120pF 1.8k
Ω
: F
:
Ω
Unit C
R
NE604N
24
AF output
Vcc
0.01μ
C
R
X
100μ
CXA1003BM
51k
0.01μ
0.01μ
0.01μ
0.01μ
0.01μ
L
100μ
0.01μ
13
14
15
16
17
18
19
20
21
22
23
1
12
11
10
9
8
7
6
5
4
3
2
0.01μ
CDBLB455KCAY13A-B0
CDBKB455KCAY13-R0
Part Number (X)
C
R
82pF
82pF
1.2k
Ω
1.0k
Ω
CDBLB455KCLY13-B0
CDBKB455KCLY13-R0
L
82pF 560
Ω 220μH
IF input
: F
:
Ω
Unit C
R
CXA1003BM
AF output
: F
:
Ω
Unit C
R
Vcc
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
0.01μ
51
51k
0.1μ
510k
8.2k
0.01μ
R
51k
1.8k
0.1μ
C
0.01μ
0.1μ
(Rg = 50
Ω)
FM S. S. G
220p
68p
MC3372
X
CDBLB455KCAX16-B0
CDBKB455KCAY16-R0
Part Number (X)
C
R
27pF
100pF
4.3k
Ω
1.0k
Ω
MC3372
AF output
Unit C
R
: F
:
Ω
RF input
16
9
15
14
13
12
11
10
1
8
2
3
4
5
6
7
0.01μ
51
51k
0.1μ
510k
8.2k
0.01μ
0.1μ
0.01μ
IF input
68p
220p
R
X
Test condition
Vcc = +4.0V
R = 6.2k
Ω
X: CDBLB455KCAX18-B0
MC3371
Vcc
MC3371
AF output
Vcc
(+2.0V)
10μ
+
XR
0.01μ
C
10μ
+
+
TA31136F
16
9
15
14
13
12
11
10
1
8
2
3
4
5
6
7
IF input
CDBLB455KCAY24-B0
CDBKB455KCAY24-R0
Part Number (X)
C
R
91pF
91pF
1.5k
Ω
1.2k
Ω
: F
:
Ω
Unit C
R
TA31136
Continued on the following page.
P05E.pdf
Nov.24,2011
56
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com