Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r kHz SMD Type SFPKA Series
The SFPKA series is comprised of small, high-performance,
economical, thin (5.0mm) filters consisting of 4 ceramic
elements. Their innovative construction is perfect for
shrinking mobile communication products such as cordless
phones, pagers and transceivers.
c Features
1. The filters are mountable by automatic placers.
2. The filters can be reflow soldered and withstand
washing.
3. They are slim, at only 5.0mm maximum thickness.
4. The bandwidth ranges from D to H.
5. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
3.0±0.3
2.0±0.3
1.5±0.3
7.0±0.3
0.9±0.1
MARKING
EIAJ
CODE
2.0±0.3
(1) (2) (3)
1.5±0.3
1.6±0.3
Connection
(1): Input
(2): Ground
(3): Output
(in mm)
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion Loss
(dB)
Ripple
(dB)
Input/Output
Impedance
(ohm)
SFPKA455KD4A-R1
455
±1.5kHz
fn±10.0
min.
fn±20.0 max.
[within 40dB]
27 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
2.0 max.
[within fn±7kHz]
1500
SFPKA455KE4A-R1
455
±1.5kHz
fn±7.5
min.
fn±15.0 max.
[within 40dB]
27 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.5 max.
[within fn±5kHz]
1500
SFPKA455KF4A-R1
455
±1.5kHz
fn±6.0
min.
fn±12.5 max.
[within 40dB]
27 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.5 max.
[within fn±4kHz]
1500
SFPKA455KG1A-R1
455
±1.0kHz
fn±4.5
min.
fn±10.0 max.
[within 40dB]
25 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.5 max.
[within fn±3kHz]
1500
SFPKA455KH1A-R1
455
±1.0kHz
fn±3.0
min.
fn±9.0 max.
[within 40dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.5 max.
[within fn±2kHz]
2000
Center frequency (fo) defined by the center of 6dB bandwidth.
(fn) means nominal center frequency 455kHz.
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
Rg+R1=R2=Input/Output Impedance
E1: S.S.G. Output Voltage
E1
R1
Rg
S.S.G.
0dBm
(1)
(2)
(3)
R2
E2
RF Voltmeter
(1): Input
(2): Ground
(3): Output
c Test Circuit
P05E.pdf
Nov.24,2011
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com