Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
kHz SMD Type CERAFIL
r Notice
Continued on the following page.
Filter is soldered twice within the following temperature
conditions.
1. Standard Reflow Soldering Conditions
2. Wash
(1) Reflow
Electrode is directly soldered with the tip of soldering iron
at +350±5°C for 3.0±0.5 seconds.
(2) Soldering Iron
Do not use strong acidity flux, more than 0.2wt% chlorine
content, in reflow soldering.
(3) Other
2 minutes max. in above solvent at +60°C max.
2 minutes max. in above solvent at +60°C max.
CFC alternatives (HCFC Series), Isopropyl Alcohol (IPA),
(Cleanthrough-750H, Pine Alpha 100S), Silicon
3. Coating
In case of overcoating the component, conditions such as
material of resin, cure temperature, and so on should be
evaluated well.
(1) Cleaning Solvent
(2) Cleaning Conditions
maintain the temperature of components below the
temperature of solvent.
your application circuit.
solvent.
consult with Murata or Murata representative prior to
using.
(3) Notice
o Soldering and Mounting
(260°C max.)
Heating
(230°C)
Gradual
Cooling
Pre-heating
(150-180°C)
100
230
260
60-120 sec.
max.
30 sec.
min.
120 sec.
min.
c SFPKA/CFUKG/CFUKF Series Notice
P05E.pdf
Nov.24,2011
17
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com