Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 39 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 39 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r Plastic Case General Use CFWLA Series
Ceramic filter CFWLA series are low profile high
selectivity ceramic filters, which use 6 elements in
ladder form.
They are best suitable to high-class transceivers,
cordless telephones and amateur radios.
c Features
1. Low profile, high selectivity
2. Available bandwidths are B to J as standard
3. Easily mountable on any PC board
4. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
0.15
2.3±0.5
2.0±0.3
2.9±0.3
11.0±0.5
MARKING
EIAJ
CODE
1.2±0.5
(1)
(2)
(4) (3)
(5)
0.6±0.1
0.8±0.1
2.6±0.3
Connection
(1): Input
(2)(3)(4): Ground
(5): Output
(in mm)
2.9—0.3
2.9±0.3
Part Number
Nominal Center
Frequency (fn)
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion Loss
(dB)
Ripple
(dB)
Input/Output
Impedance
(ohm)
CFWLA455KBFA-B0
455.0
fn±15.0
min.
fn±30.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
3.0 max.
[within fn±10kHz]
1500
CFWLA455KCFA-B0
455.0
fn±12.5
min.
fn±24.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
3.0 max.
[within fn±8kHz]
1500
CFWLA455KDFA-B0
455.0
fn±10.0
min.
fn±20.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
4.0 max.
[at minimum loss point]
3.0 max.
[within fn±7kHz]
1500
CFWLA455KEFA-B0
455.0
fn±7.5
min.
fn±15.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
3.0 max.
[within fn±5kHz]
1500
CFWLA455KFFA-B0
455.0
fn±6.0
min.
fn±12.5 max.
[within 50dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
3.0 max.
[within fn±4kHz]
2000
CFWLA455KGFA-B0
455.0
fn±4.5
min.
fn±10.0 max.
[within 50dB]
35 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
2.0 max.
[within fn±3kHz]
2000
CFWLA455KHFA-B0
455.0
fn±3.0
min.
fn±9.0 max.
[within 50dB]
60 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
2.0 max.
[within fn±2kHz]
2000
CFWLA455KJFA-B0
455.0
fn±2.0
min.
fn±7.5 max.
[within 50dB]
60 min.
[within fn±100kHz]
7.0 max.
[at minimum loss point]
2.0 max.
[within fn±1.5kHz]
2000
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
E1
R1
R2
E2
RF Voltmeter
Connection
(1): Input
(5): Output
(2)(3)(4): Ground
Rg
S.S.G.
0dBm
(1) (2) (3) (4)
(5)
Rg+R1=R2=Input/Output Impedance
c Test Circuit
P05E.pdf
Nov.24,2011
37
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com