Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 76 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 76 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
Ceramic Discriminators Standard Land Pattern Dimensions/Packaging
(in mm)
1.2
1.2
2.6
c Standard Land Pattern Dimensions
CDBKB Series
1.0
2.0
1.0
3.0
(in mm)
CDSCB Series
Part Number
Taping ø180mm
Bulk
500
2000
500
CDBKB Series
CDBLB Series
CDSCB Series
(pcs.)
The order quantity should be an integral multiple of the "Minimum Quantity" shown above.
c Minimum Quantity
User direction of feed
Cover film
3° max.
+0.1
-0.0
Dimensions of Carrier Tape
Dimensions of Reel
(in mm)
Leader
Cover film
Empty
Empty
Components
Trailer
160 to 190
160 to 200
400 to 560
17.0±0.3
4.0±0.1
3.3±0.1
8.0±0.1
6.3±0.1
2.0±0.1
19.4±1.0
ø13.0±0.5
ø1.5
2.0±0.2
c CDBKB Series
Continued on the following page.
P05E.pdf
Nov.24,2011
74
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com