Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 20 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 20 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
kHz SMD Type CERAFIL
r Notice
o Storage and Operating Conditions
o Rating
The component may be damaged if excessive mechanical
stress is applied.
o Handling
1. If the component is cleaned, please confirm that the
reliability has not been degraded.
2. The components, packed in a moisture-proof bag (dry
pack), are sensitive to moisture. The following treatment
is required before applying reflow soldering, to avoid
package cracks or reliability degradation caused by
thermal stress. When unpacked, store the component in
an atmosphere of below 25°C and below 65%R.H., and
solder within 48 hours.
3. For safety purposes, connect the output of filters to the IF
amplifier through a D.C. blocking capacitor. Avoid
applying a direct current to the output of ceramic filters.
1. Product Storage Condition
Please store the products in a room where the
temperature/humidity is stable, and avoid such places
where there are large temperature changes. Please store
the products under the following conditions:
Temperature: -10 to +40°C
Humidity: 15 to 85% R.H.
2. Expiration Date on Storage
Expiration date (shelf life) of the products is six months
after delivery under the conditions of a sealed and
unopened package. Please use the products within six
months after delivery. If you store the products for a long
time (more than six months), use carefully because
solderability may be degraded due to storage under poor
conditions.
Please confirm solderability and characteristics for the
products regularly.
3. Notice on Product Storage
(1) Please do not store the products in a chemical
atmosphere (Acids, Alkali, Bases, Organic gas,
Sulfides and so on), because the characteristics may
be reduced in quality and may be degraded in
solderability due to storage in a chemical atmosphere.
(2) Please do not put the products directly on the floor
without anything under them to avoid damp places
and/or dusty places.
(3) Please do not store the products in places such as a
damp heated place or any place exposed to direct
sunlight or excessive vibration.
(4) Please use the products immediately after the
package is opened, because the characteristics may
be reduced in quality and/or be degraded in
solderability due to storage under poor condition.
(5) Please do not drop the products to avoid cracking of
ceramic element.
4. Other
Please be sure to consult with our sales representative or
engineer whenever the products are to be used in
conditions not listed above.
Continued from the preceding page.
P05E.pdf
Nov.24,2011
18
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com