Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 74 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 74 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
Ceramic Discriminators Notice
Continued on the following page.
Filter is soldered twice within the following temperature
conditions.
1. Standard Reflow Soldering Conditions
(1) Reflow
Filter is soldered at +300±5°C for 3.0±0.5 seconds. The
soldering iron should not touch the filter while soldering.
(2) Soldering Iron
The component is recommended with placement
machines that employ optical placement capabilities. The
component might be damaged by excessive mechanical
force. Please make sure that you have evaluated by
using placement machines before going into mass
production. Do not use placement machines that utilize
mechanical positioning. Please contact Murata for details
beforehand.
(3) Condition for Placement Machines
(a) The component may be damaged if excess
mechanical stress is applied to it mounted on the
printed circuit board.
(b) Design layout of components on the PC board to
minimize the stress imposed on the warp or flexure of
the board.
(c) After installing components, if solder is excessively
applied to the circuit board, mechanical stress will
cause destruction resistance characteristics to
degrade. To prevent this, be extremely careful in
determining shape and dimension before designing
the circuit board diagram.
(d) When the positioning claws and pick-up nozzle are
worn, the load is applied to the components while
positioning is concentrated on positioning accuracy,
etc. Careful checking and maintenance are necessary
to prevent unexpected trouble.
(e) When correcting components with a soldering iron,
the tip of the soldering iron should not directly touch
the component. Depending on the soldering
conditions, the effective area of terminations may be
reduced. Solder containing Ag should be used to
prevent the electrode erosion.
(4) Other
o Soldering and Mounting
100
230
260
30 sec.
min.
40 sec.
max.
Peak
(260°C max.)
Pre-heating
(150-180°C)
Heating
(230°C)
Gradual
Cooling
120 sec.
min.
60-120 sec.
[Component Direction]
[Component Layout Close to Board]
Place the
component
laterally to the
direction in
which stress
acts.
Susceptibility to
stress is in the order
of : A>C>B
B
A
C
Slit
Perforation
c CDSCB Series Notice
P05E.pdf
Nov.24,2011
72
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com