Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
kHz SMD Type CERAFIL
r Notice
Continued on the following page.
Filter is soldered twice within the following temperature
conditions.
1. Standard Reflow Soldering Conditions
(1) Reflow
Electrode is directly soldered with the tip of soldering iron
at +350±5°C for 3.0±0.5 seconds.
(2) Soldering Iron
Do not use strong acidity flux, more than 0.2wt% chlorine
content, in reflow soldering.
(3) Other
o Soldering and Mounting
Peak
(260°C max.)
Heating
(230°C)
Gradual
Cooling
Pre-heating
(150-180°C)
100
230
260
60-120 sec.
40 sec.
max.
30 sec.
min.
120 sec.
min.
Do not clean or wash the component as it is not
hermetically sealed.
2. Wash
Do not apply conformal coating onto the component as
it's not hermetically sealed.
3. Coating
o Storage and Operating Conditions
1. Product Storage Condition
Please store the products in a room where the
temperature/humidity is stable, and avoid places where
there are large temperature changes. Please store the
products under the following conditions:
Temperature: -10 to + 40°C
Humidity: 15 to 85% R.H.
2. Expiration Date on Storage
Expiration date (shelf life) of the products is six months
after delivery under the conditions of a sealed and
unopened package. Please use the products within six
months after delivery. If you store the products for a long
time (more than six months), use carefully because the
solderability may be degraded due to storage under poor
conditions.
Please confirm solderability and characteristics for the
products regularly.
3. Notice on Product Storage
(1) Please do not store the products in a chemical
atmosphere (Acids, Alkali, Bases, Organic gas,
Sulfides and so on), because the characteristics may
be reduced in quality and may be degraded in
solderability due to storage in a chemical atmosphere.
(2) Please do not put the products directly on the floor
without anything under them to avoid damp places
and/or dusty places.
(3) Please do not store the products in places such as a
damp heated place or any place exposed to direct
sunlight or excessive vibration.
(4) Please use the products immediately after the
package is opened, because the characteristics may
be reduced in quality and/or be degraded in
solderability due to storage under poor condition.
(5) Please do not drop the products to avoid cracking of
ceramic element.
4. Other
Please be sure to consult with our sales representative or
engineer whenever the products are to be used in
conditions not listed above.
c CFWKA Series Notice
P05E.pdf
Nov.24,2011
19
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com