Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 67 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 67 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
Ceramic Discriminators for Communications Equipment
MHz Type Ceramic Discriminators
CDSCB10M7 series forms a resonator on a piezoelectric
ceramic substrate. In combination with ICs, this type
obtains stable demodulation characteristics in a wide
bandwidth.
They have 1.0mm max. thickness and small mounting area
(4.5x2.0mm).
c Features
1. Compact and high reliability and recommended for
automotive applications.
2. Can be combined with various ICs. The IC is
determined by the last number in the part number.
3. Stable demodulation characteristics can be
obtained without adjustment.
4. Stable temperature characteristics
5. Available lead (Pb) free solder reflow.
4.1 max.
4.5±0.1
0.2±0.2
0.4(ref.)
0.4(ref.)
0.4±0.05
1.5±0.1
0.8±0.1
0.8±0.1
1.5±0.1
(in mm)
CDSCB Series
Part Number
Center
Frequency (fo)
(MHz)
Recovered
Audio 3dB BW
(kHz)
Recovered
Audio Output
(mV)
Distortion
(%)
S Curve
(mV)
IC
CDSCB10M7GA105A-R0
10.700 ±30kHz
220 min.
110 min.
1.5 max.
-
TEA5757HL
CDSCB10M7GA113-R0
10.700 ±30kHz
300 min.
110 min.
1.0 max.
-
TA2154FN
CDSCB10M7GA119-R0
10.700 ±30kHz
500 min.
75 min.
1.0 max.
-
TRF6901
CDSCB10M7GA121-R0
10.700 ±30kHz
390 min.
80 min.
1.0 max.
-
LV23100V
CDSCB10M7GA135-R0
10.700 ±30kHz
155 min.
75 min.
-
-
TH71101
CDSCB10M7GA136-R0
10.700 ±30kHz
140 min.
120 min.
-
-
TH7122
CDSCB10M7GF072-R0
10.700 (fn)
fn±150 min.
130 min.
2.0 max.
-
TA31161
CDSCB10M7GF107S-R0
10.700 (fn)
fn±80 min.
52 min.
3.0 max.
-
TA31272FN
CDSCB10M7GF109-R0
10.700 (fn)
fn±100 min.
170 min.
3.0 max.
-
TK14588V
CDSCB10M7GF123-R0
10.700 (fn)
-
-
-
900 min.
TA31275FN
CDSCB10M7GF123S-R0
10.700 (fn)
-
-
-
900 min.
TA31275FN
CDSCB10M7GF126-R0
10.700 (fn)
-
-
-
400 min.
NJM2295AV
(fn) means nominal center frequency.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
For safety purposes, avoid applying a direct current between the terminals.
P05E.pdf
Nov.24,2011
65
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com