Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r MHz SMD Type SFECF10M7 Series
SFECF10M7 series for FM receivers are small,
high-performance and super thin (1.4mm max.) filters.
The piezoelectric element is sandwiched by the
ceramics substrate.
They have 1.4mm max. thickness and a small mounting
area (3.45x3.1mm).
SFECF series and CDSCB series (MHz Discriminator)
enable customers to make VICS/RKE/TPMS set very thin
and small.
c Features
1. The filters are mountable by automatic placers.
2. They are slim, at only 1.4mm max. thickness, and
have a small mounting area (3.45x3.1mm) enabling
flexible PCB design.
3. Various bandwidths are available. Select a
suitable type in accordance with the desired
selectivity.
4. Operating Temperature Range:
-20 to +80 (°C)(Standard Type)
-40 to +85 (°C)(High-reliability Type)
Storage Temperature Range:
-40 to +85 (°C)(Standard Type)
-55 to +85 (°C)(High-reliability Type)
(in mm)
1.3±0.1
3.45±0.2
(0.6) (0.6) (0.6)
(1.28)
(1.28)
0 to 0.4
(6)
(1.28)(1.28)
0.65±0.3
0 to 0.35
0 to 0.35
0 to 0.4
(5) (4)
(1)
(2) (3)
0.65±0.3
0.3 min.
0.3 min.
: EIAJ Monthly Code
: Reference
(
)
(1): Input
(2)(5): Ground
(3)(4): No connect
(6): Output
0.7±0.3
Input electrode
marker
Standard Type
Part Number
Center
Frequency
(fo) (MHz)
Nominal Center
Frequency (fn)
(MHz)
3dB
Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Ripple
(dB)
Spurious
Attenuation
(1) (dB)
Spurious
Attenuation
(2) (dB)
Input/Output
Impedance
(ohm)
SFECF10M7HA00-R0
10.700
±30kHz
-
180 ±40kHz
470 max.
4.0±2.0dB
1.0 max.
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
SFECF10M7HF00-R0
-
10.700
fn±25 min.
510 max.
8.0max.
[at fn]
1.0 max.
30 min.
[within 9MHz to fn]
25 min.
[within fn to 12MHz]
330
SFECF10M7GA00-R0
10.700
±30kHz
-
230 ±50kHz
510 max.
3.5±2.0dB
1.0 max.
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
SFECF10M7GF00-R0
-
10.700
fn±45 min.
560 max.
8.0max.
[at fn]
1.0 max.
30 min.
[within 9MHz to fn]
25 min.
[within fn to 12MHz]
330
SFECF10M7FA00-R0
10.700
±30kHz
-
280 ±50kHz
590 max.
3.0±2.0dB
1.0 max.
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
SFECF10M7FF00-R0
-
10.700
fn±65 min.
620 max.
7.0max.
[at fn]
1.0 max.
30 min.
[within 9MHz to fn]
25 min.
[within fn to 12MHz]
330
SFECF10M7EA00-R0
10.700
±30kHz
-
330 ±50kHz
700 max.
3.0±2.0dB
1.0 max.
30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
SFECF10M7DA0001-R0
10.700
±30kHz
-
420 min.
950 max.
3.0±2.0dB
3.0 max.
35 min.
[within 9MHz to fo]
25 min.
[within fo to 12MHz]
330
SFECF10M7DF00-R0
-
10.700
fn±150 min.
990 max.
6.0max.
[at fn]
3.0 max.
20 min.
[within 9MHz to fn]
20 min.
[within fn to 12MHz]
330
Area of Attenuation: [within 20dB]
Area of Insertion Loss: at minimum loss point Area of Ripple: within 3dB B.W.
Center frequency (fo) defined by center of 3dB bandwidth.
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
P05E.pdf
Nov.24,2011
21
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com