Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KF4A-R1 Datasheet(PDF) 64 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KF4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KF4A-R1 Datasheet(HTML) 64 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KF4A-R1 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. SFPKA455KF4A-R1 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
Continued from the preceding page.
440
450
460
470
Frequency (kHz)
500
100
50
10
5
1
50.0
10.0
5.0
1.0
0.5
0.1
c Recovered Audio Curve
CDBLB455KCAX36-B0
Frequency (kHz)
425
445
465
485
500
100
50
10
5
1
50.0
10.0
5.0
1.0
0.5
0.1
CDBKB455KCLX39-R0
500
440
450
460
470
Frequency (kHz)
50.0
100
10.0
50
5.0
10
1.0
50.5
10.1
CDBKB455KCAY40-R0
500
440
450
460
470
Frequency (kHz)
50.0
100
10.0
50
5.0
10
1.0
50.5
10.1
CDBLB455KCAY40-B0
500
440
450
460
470
Frequency (kHz)
50.0
100
10.0
50
5.0
10
1.0
50.5
10.1
CDBLB455KCAY42-B0
Frequency (kHz)
440
450
460
470
500
100
50
10
5
1
50.0
10.0
5.0
1.0
0.5
0.1
CDBKB455KCAY49-R0
Continued on the following page.
P05E.pdf
Nov.24,2011
62
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com