Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 49Page - STMicroelectronics STM8T143 Datasheet HTML 50Page - STMicroelectronics STM8T143 Datasheet HTML 51Page - STMicroelectronics STM8T143 Datasheet HTML 52Page - STMicroelectronics STM8T143 Datasheet HTML 53Page - STMicroelectronics STM8T143 Datasheet HTML 54Page - STMicroelectronics STM8T143 Datasheet HTML 55Page - STMicroelectronics STM8T143 Datasheet HTML 56Page - STMicroelectronics STM8T143 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
DocID18315 Rev 6
53/65
STM8T143
Ordering information
64
11
Ordering information
11.1
STM8T143 ordering information scheme
Figure 26. STM8T143 ordering information scheme
1. See explanation below of “in factory option byte programming service”
2. The STM8T143 OTP devices are available for development and production. These parts are blank devices
with unconfigured option bytes (all option bits are set to ‘0’).
STM8T 143
A
U
XXXY TR
Device type
STM8T: ST touch sensing MCU
Package
M: SO8 (narrow outline)
U: UFDFPN8 (dual flat no lead)
Example:
Pin count
A: 8 pins
Device sub-family
143 = 1 proximity detection channel
Device configuration
XXXY: device with specific configuration(1)
61T: Revision 1/OTP blank device (all user bits set to 0)(2)
62T: Revision 2/OTP blank device (all user bits set to 0)(2)
Packing
No character: tray or tube
TR: tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com