Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 25Page - STMicroelectronics STM8T143 Datasheet HTML 26Page - STMicroelectronics STM8T143 Datasheet HTML 27Page - STMicroelectronics STM8T143 Datasheet HTML 28Page - STMicroelectronics STM8T143 Datasheet HTML 29Page - STMicroelectronics STM8T143 Datasheet HTML 30Page - STMicroelectronics STM8T143 Datasheet HTML 31Page - STMicroelectronics STM8T143 Datasheet HTML 32Page - STMicroelectronics STM8T143 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
DocID18315 Rev 6
29/65
STM8T143
Device operation
64
6.2
Device operating modes
The STM8T143 device provides three operating modes:
•
Dual output mode
•
Control mode
•
Data streaming mode
These modes are selected through the option bytes.
6.2.1
Dual output mode
The device is configured by default in Control mode. The Dual output/Control mode bit
allows the user to configure pin 8 of the device in Control input or Proximity output.
When Dual output mode is selected, pin 8 becomes the proximity output while pin1 is the
touch output.
Table 4. Pin 1 configuration
Pin 1 configuration
Data streaming
mode
Dual output/Control
mode
Output
type
Output
polarity
OPT1 bit 7
OPT1 bit 0
OPT2 bit 5
OPT0 bit 1
DATA pin
Open drain output
1x
x
x
Proximity output
Open drain output, active low
00
0
0
Proximity output
Push-pull output, active high
00
0
1
Touch output
Open drain output, active low
00
1
0
Touch output
Push-pull output, active high
00
1
1
Proximity output
Open drain output, active low
01
x
0
Proximity output
Push-pull output, active high
01
x
1
Table 5. Pin 8 configuration
Pin 8 configuration
Dual output/Control mode
Control type
Output polarity
OPT1 bit 0
OPT0 bit 0
OPT0 bit 1
Halt control input
0
0
x
ECS control input
0
1
x
Proximity output
Push-pull output, active low
1x
0
Touch output
Push-pull output, active high
1x
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com