Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 53Page - STMicroelectronics STM8T143 Datasheet HTML 54Page - STMicroelectronics STM8T143 Datasheet HTML 55Page - STMicroelectronics STM8T143 Datasheet HTML 56Page - STMicroelectronics STM8T143 Datasheet HTML 57Page - STMicroelectronics STM8T143 Datasheet HTML 58Page - STMicroelectronics STM8T143 Datasheet HTML 59Page - STMicroelectronics STM8T143 Datasheet HTML 60Page - STMicroelectronics STM8T143 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
DocID18315 Rev 6
57/65
STM8T143
Ordering information
64
STM8T143 programming service option list Rev 6 (last update: October 2013)
Customer name:
Address:
Contact name:
Phone number
Customer settings (tick one box by option)
Package type:
□ DFN8: STM8T143AU
□ SO8: STM8T143AM(1)
Output type (used only in CTRL mode – see Section 6.2.2: Control mode)
□ Proximity output(2)
□ Touch output
Release threshold ratio (see Section 5.3: Detection and release thresholds)
□ 75 %(2)
□ 87.5 %
Gain target
□ Gain target value A (200)(2)
□ Gain target value B (250)
□ Gain target value C (300)
□ Gain target value D (350)
□ Gain target value E (400)
□ Gain target value F (550)
□ Gain target value G (700)
□ Gain target value H (850)
Data streaming mode (see Section 6.2.3: Data streaming mode)
□ Disabled(2)
□ Enabled
Low power mode (see Section 6.4: Power modes and Table 16: General capacitive sensing
characteristics)
□ Normal power mode(2)
□ Low power mode 1
□ Low power mode 2
□ Low power mode 3
Reference freeze timeout tRFT(see Section 5.5.3: Reference freeze and reference freeze timeout)
□ Infinite(2)
□ 18 s
□ 60 s
□ 3s
Dynamic calibration delay tDYCAL (see Section 5.4: Dynamic calibration (DYCAL))
□ 250 ms(2)
□ 1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com