Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 37Page - STMicroelectronics STM8T143 Datasheet HTML 38Page - STMicroelectronics STM8T143 Datasheet HTML 39Page - STMicroelectronics STM8T143 Datasheet HTML 40Page - STMicroelectronics STM8T143 Datasheet HTML 41Page - STMicroelectronics STM8T143 Datasheet HTML 42Page - STMicroelectronics STM8T143 Datasheet HTML 43Page - STMicroelectronics STM8T143 Datasheet HTML 44Page - STMicroelectronics STM8T143 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
DocID18315 Rev 6
41/65
STM8T143
Electrical characteristics
64
9.4
Regulator and reference voltage
Table 15. Regulator and reference voltage
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Cref
Voltage regulator decoupling
capacitance(1)
-1
-
10
µF
Vreg
Regulated voltage during
acquisition(2)
3.05
≤ VDD ≤ 5.5
2.35
2.5
2.75
V
2.3
≤ VDD ≤ 2.65
-
VDD-0.15
-
1. Equivalent serial Rresistor
≤ 0.2 Ω at 1 MHz.
2. Operating above 3.05 V improves the device noise rejection. Between 2.65 V and 3.05 V the regulated voltage evolves
gradually between VDD - 0.15 V and the regulated voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com