Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 11Page - STMicroelectronics STM8T143 Datasheet HTML 12Page - STMicroelectronics STM8T143 Datasheet HTML 13Page - STMicroelectronics STM8T143 Datasheet HTML 14Page - STMicroelectronics STM8T143 Datasheet HTML 15Page - STMicroelectronics STM8T143 Datasheet HTML 16Page - STMicroelectronics STM8T143 Datasheet HTML 17Page - STMicroelectronics STM8T143 Datasheet HTML 18Page - STMicroelectronics STM8T143 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
DocID18315 Rev 6
15/65
STM8T143
STM8T143 processing
64
Figure 7. Automatic electrode tuning (AET)
1. For the AET and gain target values, please refer to Table 16: General capacitive sensing characteristics.
5.2
Signal calculation and reference calibration
The capacitance change, induced by the presence of a finger or a hand in the device
detection area, is sensed by the variation in the number of charge transfer pulses
composing the burst. The number of charge transfer pulses is called “burst count”. The burst
count is filtered against the noise and compared to a “reference” to determine if there is a
touch/proximity detection. Please refer to Section 5.5: Environment control system (ECS)
for more details about the filtering process.
The reference is calculated at device startup during the calibration phase by averaging the
first 44 measurements before normal device operation.
Then, the environment control system takes care of the reference slow evolution over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com