Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 10Page - STMicroelectronics STM8T143 Datasheet HTML 11Page - STMicroelectronics STM8T143 Datasheet HTML 12Page - STMicroelectronics STM8T143 Datasheet HTML 13Page - STMicroelectronics STM8T143 Datasheet HTML 14Page - STMicroelectronics STM8T143 Datasheet HTML 15Page - STMicroelectronics STM8T143 Datasheet HTML 16Page - STMicroelectronics STM8T143 Datasheet HTML 17Page - STMicroelectronics STM8T143 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
STM8T143 processing
STM8T143
14/65
DocID18315 Rev 6
5
STM8T143 processing
The STM8T143 device is designed to ensure reliable operation whatever the environment
and operating conditions. To achieve this high level of robustness, dedicated processing
have been implemented:
•
Automatic electrode tuning (AET)
•
Signal and reference calibration
•
Detection and release thresholds
•
Dynamic calibration (DYCAL)
•
Environment control system (ECS)
•
Debounce filter
•
Host control input
5.1
Automatic electrode tuning (AET)
AET is a sophisticated technology implemented in the STM8T143 device. It optimizes the
performance of the device in a wide range of applications and environmental conditions.
AET algorithm automatically adjusts the internal CS capacitor and EPCC parameters to
optimize system performance. Please refer to:
•
Table 17: Internal CS value for possible resulting values of this internal sampling
capacitance
•
Table 18: Implemented EPCC values (pF) for possible values of the EPCC
capacitance.
The principle is to select an internal CS capacitor and EPCC to obtain a burst count in a
predefined range of AET target value ± 256 burst counts.
At device startup, CS is selected to reach the nearest signal burst count value to a “gain
target value”. Then, the EPCC hardware subtracts an increasing capacitance value until a
“AET target value” is reached. During normal device operation, the EPCC hardware
subtracts from the electrode capacitance (CX), the compensation capacitance value
determined during the calibration phase.
This automatic system adaptation allows the same burst count number to be reached
regardless of the application electrode and surrounding.
The AET gain can be adjusted by selecting the gain target value through the “Gain target”
option bits.
The AET algorithm is executed whenever the device starts-up and during device operation
when the reference exits burst count range.
During the AET processing (tAET), proximity and touch events cannot be detected (please
refer to Table 6: Data streaming frame). In Data streaming mode, the AET activity is
reported and the internal CS and EPCC values can be monitored (see Section 6.2.3: Data
streaming mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com