Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 57Page - STMicroelectronics STM8T143 Datasheet HTML 58Page - STMicroelectronics STM8T143 Datasheet HTML 59Page - STMicroelectronics STM8T143 Datasheet HTML 60Page - STMicroelectronics STM8T143 Datasheet HTML 61Page - STMicroelectronics STM8T143 Datasheet HTML 62Page - STMicroelectronics STM8T143 Datasheet HTML 63Page - STMicroelectronics STM8T143 Datasheet HTML 64Page - STMicroelectronics STM8T143 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
DocID18315 Rev 6
63/65
STM8T143
Revision history
64
15-Nov-2011
3
cont’d
Table 18: Implemented EPCC values (pF): updated title; replaced
name of bit; removed EPCC 6 data, updated “Maximum PCC
capacitance value”; added footnote 1.
Figure 23: SO8 narrow recommended footprint (dimensions in mm):
added.
Figure 25: UFDFPN 2 x 3 mm recommended footprint (dimensions in
mm): added.
Figure 26: STM8T143 ordering information scheme: updated
package and device configuration information; updated footnote 2.
Section 11.2: Orderable favorite device lists: updated rev 1
UFDFPN8 OTP device and added rev 2 UFDFPN8 OTP device.
Figure 27: SO8 package marking: added.
Figure 28: UFDFPN8 package marking: added.
Updated programming service option list.
Section 12: STM8T143 programming tool: updated first bullet point
and replaced Figure 29: STM8T143 programming tool.
12-Sep-2012
4
Updated all information relating to Control mode.
Figure 2: SO8 pinout, Figure 3: UFDFPN8 pinout and Table 1:
STM8T143 pin descriptions:Updated Pin 1 name to “OUT”.
Table 10: Operating characteristics: Updated Min. value of VDD.
Table 11: Average current consumption: Updated VDD conditions.
Table 12: OUT/TOUT/DATA streaming pin characteristics and
Table 13: POUT/TOUT pin characteristics: Updated Min. and Typ.
values of VOH. Updated list of VDD parameter. Added Ilkg parameter.
Table 14: CTRL pin characteristics: Updated list of VDD parameter.
Added Ilkg parameter.
Table 15: Regulator and reference voltage: Added note 2. Updated
Vreg conditions, Min. and Max. values.
Table 16: General capacitive sensing characteristics: Updated Min.
and Max. values. Added Vtrip parameter.
Table 18: Implemented EPCC values (pF): Moved note 1. on ICS bit
2 definition.
Updated programming service option list.
Section 12: STM8T143 programming tool: updated part number of
Programming socket board.
Table 31. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com