Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 34Page - STMicroelectronics STM8T143 Datasheet HTML 35Page - STMicroelectronics STM8T143 Datasheet HTML 36Page - STMicroelectronics STM8T143 Datasheet HTML 37Page - STMicroelectronics STM8T143 Datasheet HTML 38Page - STMicroelectronics STM8T143 Datasheet HTML 39Page - STMicroelectronics STM8T143 Datasheet HTML 40Page - STMicroelectronics STM8T143 Datasheet HTML 41Page - STMicroelectronics STM8T143 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Electrical characteristics
STM8T143
38/65
DocID18315 Rev 6
9.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
9.3
Operating conditions
9.3.1
General operating conditions and supply characteristics
Table 7. Voltage characteristics
Symbol
Ratings
Maximum value
Unit
VDD − VSS
Supply voltage
6.8(1)
1. Care must be taken as option bit could be modified if this voltage is higher than 5.5 V.
V
Table 8. Current characteristics
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines (source)(1)
1. All power (VDD) and ground (VSS) lines must always be connected to the external supply.
2
mA
IVSS
Total current out of VSS ground lines (sink)(1)
2
IIO
Output current sunk by output pin
1
Output current sourced by output pin
1
Table 9. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
− 65 to +150
°C
TJ
Junction temperature range (SO8 narrow and UFDFPN8
package)
90
°C
Table 10. Operating characteristics
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply voltage
2.3
5.5
V
TA
Operating temperature
-40
+85
°C
tVDD
Turn-on slope
(rise time rate)
010
mS/V
Turn-off slope
(fall time rate)
010(1)
1. The supply voltage must reach 0 V when it drops below the minimum operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com