Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 35Page - STMicroelectronics STM8T143 Datasheet HTML 36Page - STMicroelectronics STM8T143 Datasheet HTML 37Page - STMicroelectronics STM8T143 Datasheet HTML 38Page - STMicroelectronics STM8T143 Datasheet HTML 39Page - STMicroelectronics STM8T143 Datasheet HTML 40Page - STMicroelectronics STM8T143 Datasheet HTML 41Page - STMicroelectronics STM8T143 Datasheet HTML 42Page - STMicroelectronics STM8T143 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
DocID18315 Rev 6
39/65
STM8T143
Electrical characteristics
64
9.3.2
Average current consumption
Test conditions: TA = 25 °C, CX = 20 pF, and RX = 2 kΩ
Note:
Consumption does not depend on detection thresholds.
9.3.3
I/O pin characteristics
Table 11. Average current consumption
Symbol
Parameter
Conditions
Typ.
Max.
Unit
IDD
Normal power mode(1)
1. Tested in production.
3.05
≤ VDD ≤ 5.5
60
75
µA
Low power mode 1(2)
2. Not applicable for Silicon revision 1, please refer to the STM8T143 errata sheet (STM8T143 device
limitations).
30
-
Low power mode 2(2)
17
-
Low power mode 3(2)
11
-
Control halt mode(2)
27
Normal power mode(1)
VDD = 2.3 V
45
60
Low power mode 1(2)
--
Low power mode 2(2)
--
Low power mode 3(2)
--
Control halt mode(2)
27
Table 12. OUT/TOUT/DATA streaming pin characteristics
Symbol
Parameter
Conditions
Min(1)
1. Guaranteed by characterization, not tested in production.
Typ.
Max.(1)
Unit
VOH
VDD = 5 V
ILOAD = 1 mA
TA = @ 25 °C
VDD-0.1 VDD-0.1
-
V
VDD = 3.3 V
VDD-0.1 VDD-0.1
-
VDD = 2.5 V
VDD-0.2 VDD-0.1
-
VDD = 2.3 V
VDD-0.2 VDD-0.1
-
VOL
VDD = 5 V
-
0.06
0.07
VDD = 3.3 V
-
0.06
0.08
VDD = 2.5 V
-
0.06
0.08
VDD = 2.3 V
-
0.07
0.09
Ilkg
Input leakage
current(2)
2. The maximum value may be exceeded if negative current is injected on adjacent pins.
-1
-
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com