Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 19Page - STMicroelectronics STM8T143 Datasheet HTML 20Page - STMicroelectronics STM8T143 Datasheet HTML 21Page - STMicroelectronics STM8T143 Datasheet HTML 22Page - STMicroelectronics STM8T143 Datasheet HTML 23Page - STMicroelectronics STM8T143 Datasheet HTML 24Page - STMicroelectronics STM8T143 Datasheet HTML 25Page - STMicroelectronics STM8T143 Datasheet HTML 26Page - STMicroelectronics STM8T143 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
DocID18315 Rev 6
23/65
STM8T143
STM8T143 processing
64
5.5.3
Reference freeze and reference freeze timeout
To prevent an object under detection from influencing the reference value, the ECS is halted
as soon as a proximity detection happens: PTh <
Δ(signal) < TTh. Consequently, the
reference is frozen.
In order to recover from a sudden environment change, the reference freeze ends after a
maximum programmable delay called the “reference freeze timeout” (tRFT).
When a detection lasts longer than the tRFT, a recalibration process occurs. The recalibration
consists of setting the reference to the current burst count value minus 8. Then, ECS is re-
enabled and the reference moves along the signal. After a period of time that depends on
the signal variation speed, the difference between the signal and the reference becomes
smaller than the detection threshold and the device reports no detection. The process delay
after the timeout, to get the reference aligned with the current signal, is called the
recalibration time (tRECAL).
Figure 14 describes the situation where an unwanted detection is solved by the reference
freeze timeout. The left-hand side of the image (Reference freeze timeout enabled) shows
the reference freeze timeout configured to launch a calibration if water droplets are poured
onto the electrode. The droplet capacitance is not sufficient to make the device enter into
touch detection but it is enough to trigger a proximity detection. If the proximity detection
caused by the droplets lasts longer than the reference freeze timeout delay, the device
recalibrates to the new “wet” environment. Consequently, the detection output is cleared.
The right-hand side of the image (Infinite reference freeze timeout) shows the device
behavior when the reference freeze timeout is disabled. The device leaves proximity
detection only after the droplets are removed.
Figure 14. Unwanted detection managed by the reference freeze timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com