Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 57Page - STMicroelectronics STM8T143 Datasheet HTML 58Page - STMicroelectronics STM8T143 Datasheet HTML 59Page - STMicroelectronics STM8T143 Datasheet HTML 60Page - STMicroelectronics STM8T143 Datasheet HTML 61Page - STMicroelectronics STM8T143 Datasheet HTML 62Page - STMicroelectronics STM8T143 Datasheet HTML 63Page - STMicroelectronics STM8T143 Datasheet HTML 64Page - STMicroelectronics STM8T143 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
Revision history
STM8T143
64/65
DocID18315 Rev 6
17-Apr-2013
5
Updated Table 7: Voltage characteristics.
Replaced any occurrence of tDYCAL_T by tDYCAL.
In Table 2: Option bytes, replaced:
– "tDYCAL" by "Dynamic calibration delay"
– "Touch detection threshold (TTh)" by "Touch detection threshold“
– “Proximity detection threshold (PTh)” by “Proximity detection
threshold”.
In Table 3: Option byte description
– replaced the release threshold ratio of 90% by 87.5%.
– renamed “Reference freeze timeout" by "Reference freeze timeout
(tRFT) "
– updated the value information for the Reference freeze timeout
– renamed "tDYCAL" by "Dynamic calibration delay (tDYCAL)"
– updated the value information for the Dynamic calibration delay
Removed tRFT and tDYCAL rows in Table 16: General capacitive
sensing characteristics
Updated the “programming service option list” form in Section 11.4:
Revision code on device markings
Changed “Touch output” signal rising edge position in Figure 9:
DYCAL general operation and Figure 10: DYCAL operation with
water residue
18-Oct-2013
6
Modified note 2 below Table 15: Regulator and reference voltage on
page 41.
Removed note 1 in Table 18: Implemented EPCC values (pF) on
page 44.
Updated Section 11.2: Orderable favorite device lists on page 54
Added Section 11.4: Revision code on device markings on page 55.
Moved Section 11.4: Revision code on device markings on page 55
to Section 11.2.1: Part number option bytes on page 54
Added last two rows in Table 29: Device identification on page 55.
Updated the “programming service option list” form in Section 11.4:
Revision code on device markings on page 55.
Added first row in Section : Customer settings (tick one box by
option) on page 57 and insert note.
Added note in Section : □ Proximity output(2) on page 57
Updated Disclaimer content to Rev5-4
Updated Section : (1) Fastrom is not available in SO8 device. on
page 58
Added new code Fastrom in Table 28: Option byte values on
page 54 and Table 29: Device identification on page 55
Table 31. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com