Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 28Page - STMicroelectronics STM8T143 Datasheet HTML 29Page - STMicroelectronics STM8T143 Datasheet HTML 30Page - STMicroelectronics STM8T143 Datasheet HTML 31Page - STMicroelectronics STM8T143 Datasheet HTML 32Page - STMicroelectronics STM8T143 Datasheet HTML 33Page - STMicroelectronics STM8T143 Datasheet HTML 34Page - STMicroelectronics STM8T143 Datasheet HTML 35Page - STMicroelectronics STM8T143 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Device operation
STM8T143
32/65
DocID18315 Rev 6
Frame format
The content of the data frame is described in Table 6.
6.3
Output polarity
The polarity can be chosen to define POUT and TOUT active state during a detection event
such as high or low.
When the device is configured in output active low, pin 8 is in open drain configuration.
When the device is configured in output active high, pin 8 is in push-pull configuration.
Table 6. Data streaming frame
Byte #
Bit
Description
0
[7:0]
Signal burst count (MSB)
1
[15:8]
Signal burst count (LSB)
2
[23:16]
Reference burst count (MSB)
3
[31:24]
Reference burst count (LSB)
4
39
38
37
36
35
34
33
32
AET processing
Proximity event detected
Touch event detected
OUT state indication
Reserved
Reserved
Reserved
Reserved
5
47
46
45
44
43
42
41
40
ICS bit 2
ICS bit 1
ICS bit 0
EPCC bit 4
EPCC bit 3
EPCC bit 2
EPCC bit 1
EPCC bit 0
6
[55:54]
53
52
51
50
49
48
Reserved
EPCC bit 5
Touch threshold bit 2
Touch threshold bit 1
Touch threshold bit 0
Proximity threshold bit 1
Proximity threshold bit 0
7
[63:56]
Frame counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com