Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 7Page - STMicroelectronics STM8T143 Datasheet HTML 8Page - STMicroelectronics STM8T143 Datasheet HTML 9Page - STMicroelectronics STM8T143 Datasheet HTML 10Page - STMicroelectronics STM8T143 Datasheet HTML 11Page - STMicroelectronics STM8T143 Datasheet HTML 12Page - STMicroelectronics STM8T143 Datasheet HTML 13Page - STMicroelectronics STM8T143 Datasheet HTML 14Page - STMicroelectronics STM8T143 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
DocID18315 Rev 6
11/65
STM8T143
STM8T ProxSense technology
64
4
STM8T ProxSense technology
4.1
Capacitive sensing overview
A capacitance exists between any reference point and ground as long as they are
electrically isolated. If this reference point is a sensing electrode, it can help to think of it as
a capacitor. The positive electrode of the capacitor is the sensing electrode, and the
negative electrode is formed by the surrounding area (virtual ground reference in Figure 4).
Figure 4. Coupling with hand increases the capacitance of the sensing electrode
When a conductive object is brought into proximity of the sensing electrode, coupling
appears between them, and the capacitance of the sensing electrode relative to ground
increases. For example, a human hand raises the capacitance of the sensing electrode as it
approaches it. Touching the dielectric panel that protects the electrode increases its
capacitance significantly.
4.2
Charge-transfer acquisition principle
To measure changes in the electrode capacitance, STM8T devices employ bursts of
charge-transfer cycles.
The measuring circuitry is connected to the CX pin. It is composed of a serial resistor RX
plus the sensing electrode itself of equivalent capacitance CX (see Figure 5). The sensing
electrode can be made of any electrically conductive material, such as copper on PCBs, or
transparent conductive material like Indium Tin Oxide (ITO) deposited on glass or Plexiglas.
The dielectric panel usually provides a high degree of isolation to prevent electrostatic
discharge (ESD) from reaching the STM8T touch sensing controller. Connecting the serial
resistor (RX) to the CX pin improves ESD immunity even more.
CT
Lower capacitance
CX
Higher capacitance
Sensing electrode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com